Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624 Datasheet(PDF) 86 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 82Page - STMicroelectronics VS6624 Datasheet HTML 83Page - STMicroelectronics VS6624 Datasheet HTML 84Page - STMicroelectronics VS6624 Datasheet HTML 85Page - STMicroelectronics VS6624 Datasheet HTML 86Page - STMicroelectronics VS6624 Datasheet HTML 87Page - STMicroelectronics VS6624 Datasheet HTML 88Page - STMicroelectronics VS6624 Datasheet HTML 89Page - STMicroelectronics VS6624 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 106 page
background image
Optical specifications
VL6624/VS6624
86/106
12
Optical specifications
12.1
Average sensitivity
The average sensitivity is a measure of the image sensor response to a given light stimulus.
The optical stimulus is a white light source with a color temperature of 3200K, producing
uniform illumination at the surface of the sensor package. An IR blocking filter is added to
the light source. The analog gain of the sensor is set to x1. The exposure time,
Δt, is set as
50% of maximum. The illuminance, I, is adjusted so the average sensor output code, Xlight,
is roughly mid-range equivalent to a saturation level of 50%. Once Xlight has been recorded
the experiment is repeated with no illumination to give a value Xdark.
The sensitivity is then calculated as
.The result is expressed in volts per lux-
second.
The sensitivity of the VS6624 is given in
Table 42.
Table 41.
Optical specifications(1)
1.
All measurements made at 23°C ± 2°C
Parameter
Min.
Typ.
Max.
Unit
Optical format
1/3
inch
Effective focal length
mm
Aperture (F number)
3.2
Horizontal field of view
52
deg.
Depth of field
60
infinity
cm
TV distortion
1
%
Table 42.
VS6624 average sensitivity
Optical parameter
VS6624
Unit
Average sensitivity
0.49
V/lux.s
Xlight
Xdark
–
Δtl
⋅
---------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com