Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624 Datasheet(PDF) 45 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 41Page - STMicroelectronics VS6624 Datasheet HTML 42Page - STMicroelectronics VS6624 Datasheet HTML 43Page - STMicroelectronics VS6624 Datasheet HTML 44Page - STMicroelectronics VS6624 Datasheet HTML 45Page - STMicroelectronics VS6624 Datasheet HTML 46Page - STMicroelectronics VS6624 Datasheet HTML 47Page - STMicroelectronics VS6624 Datasheet HTML 48Page - STMicroelectronics VS6624 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 106 page
background image
VL6624/VS6624
Register map
45/106
11
Register map
The VL6624/VS6624 I²C write address is 0x20.
To read or write to registers other than those in
Low level control registers section the device
must be switched on, this is done by writing 0x02 to 0xC003. Information on initial power up
for the device can be found in the
Section 9: Getting started.
All I²C locations contain an 8-bit byte. However, certain parameters require 16 bits to
represent them and are therefore stored in more than 1 location.
Note:
For all 16 bit parameters the MSB register must be written before the LSB register.
The data stored in each location can be interpreted in different ways as shown below.
Register contents represent different data types as described in
Table 6.
Float number format
Float 900 is used in ST co-processors to represent floating point numbers in 2 bytes of data.
It conforms to the following structure:
Bit[15] = Sign bit (1 represents negative)
Bit[14:9] = 6 bits of exponent, biased at decimal 31
Bit[8:0] = 9 bits of mantissa
To convert a floating point number to Float 900, use the following procedure:
●
represent the number as a binary floating point number. Normalize the mantissa and
calculate the exponent to give a binary scientific representation of 1.xxxxxxxxx * 2^y.
●
The x symbols should represent 9 binary digits of the mantissa, round or pad with zeros
to achieve 9 digits in total. Remove the leading 1 from the mantissa as it is redundant.
●
To calculate the y value Bias the exponent by adding to 31 decimal then converting to
binary.
●
The data can then be placed in the structure above.
Table 6.
Data type
Data Type
Description
BYTE
Single field register 8 bit parameter
UINT_16
Multiple field registers - 16 bit parameter
FLAG_e
Bit 0 of register must be set/cleared
CODED
Coded register - function depends on value written
FLOAT
Float Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com