Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624 Datasheet(PDF) 41 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 37Page - STMicroelectronics VS6624 Datasheet HTML 38Page - STMicroelectronics VS6624 Datasheet HTML 39Page - STMicroelectronics VS6624 Datasheet HTML 40Page - STMicroelectronics VS6624 Datasheet HTML 41Page - STMicroelectronics VS6624 Datasheet HTML 42Page - STMicroelectronics VS6624 Datasheet HTML 43Page - STMicroelectronics VS6624 Datasheet HTML 44Page - STMicroelectronics VS6624 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 106 page
background image
VL6624/VS6624
Host communication - I²C control interface
41/106
10.8
Random location, single data write
For the master writing to the slave the R/W bit is set to zero.
The register index value written is preserved and is used by a subsequent read. The write
message is terminated with a stop condition from the master.
Figure 26. Random location, single write
10.9
Current location, single data read
For the master reading from the slave the R/W bit is set to one. The register index of the
data returned is that accessed by the previous read or write message.
The first data byte returned by a read message is the contents of the internal index value
and NOT the index value. This was the case in older V2W implementations.
Note that the read message is terminated with a negative acknowledge (A) from the master:
it is not guaranteed that the master will be able to issue a stop condition at any other time
during a read message. This is because if the data sent by the slave is all zeros, the SDA
line cannot rise, which is part of the stop condition.
Figure 27. Current location, single read
S
DEV ADDR R/W A
DATA
P
A/A
DATA
A
DATA
A
INDEX[7:0]
DATA[7:0]
INDEX[15:8]
Previous Index Value, K
Index M
16-bit Index, 8-bit Data, Random Location, Single Data Write
Index[15:0]
value, M
DATA[7:0]
From Master to Slave
From Slave to Master
S = START Condition
Sr = repeated START
P = STOP Condition
A = Acknowledge
A = Negative Acknowledge
‘0’ (Write)
DATA
DATA[7:0]
DATA[7:0]
S
DEV ADDR R/W A
‘1’ (Read)
P
A
Previous Index Value, K
16-bit index, 8-bit data current location, single data read
From Master to Slave
From Slave to Master
S = START Condition
Sr = repeated START
P = STOP Condition
A = Acknowledge
A = Negative Acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com