Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 5Page - STMicroelectronics VS6624 Datasheet HTML 6Page - STMicroelectronics VS6624 Datasheet HTML 7Page - STMicroelectronics VS6624 Datasheet HTML 8Page - STMicroelectronics VS6624 Datasheet HTML 9Page - STMicroelectronics VS6624 Datasheet HTML 10Page - STMicroelectronics VS6624 Datasheet HTML 11Page - STMicroelectronics VS6624 Datasheet HTML 12Page - STMicroelectronics VS6624 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
VL6624/VS6624
Electrical interface
9/106
2
Electrical interface
The VL6624/VS6624 FPC board to board connector has 20 electrical connections which are
listed in
Table 1. the package details of the flex connector are shown in Figure 39
and
Figure 40.
Table 1.
VS6624 signal description of 20-pin flex connector
The package details and electrical connections of the 24pin socket device are shown in
Figure 37 and Figure 38.
Table 2:
Pad
Pad name
I/O
Description
1
GND
PWR
Analogue ground
2
HSYNC
OUT
Horizontal synchronization output
3
VSYNC
OUT
Vertical synchronization output
4
SCL
IN
I²C clock input
5
CLK
IN
Clock input - 6.5MHz to 54MHz
6
SDA
I/O
I²C data line
7
VDD
PWR
Digital supply 1.8 V OR 2.8 V
8
AVDD
PWR
Analogue supply 2.4 V to 3.0 V
9
PCLK
OUT
Pixel qualification clock
10
CE
IN
Chip enable signal active HIGH
11
D5
OUT
Data output D5
12
D4
OUT
Data output D4
13
GND
PWR
Digital ground
14
D3
OUT
Data output D3
15
D2
OUT
Data output D2
16
D1
OUT
Data output D1
17
D0
OUT
Data output D0
18
D6
OUT
Data output D6
19
D7
OUT
Data output D7
20
FSO
OUT
Flash output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com