Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDEB25F4CP Datasheet(PDF) 5 Page - Potens Semiconductor Corp.

Part # PDEB25F4CP
Description  20V Dual N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDEB25F4CP Datasheet(HTML) 5 Page - Potens Semiconductor Corp.

  PDEB25F4CP Datasheet HTML 1Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 2Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 3Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 4Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Potens semiconductor corp.
Ver.1.00
5
PDEB25F4CP
20V Dual N-Channel MOSFETs
Symbol
Dimensions In Millimeters
Min
Nom
Max
A
0.700
0.750
0.800
A1
-
-
0.050
A3
0.203Ref.
D
2.950
3.000
3.050
E
2.950
3.000
3.050
D2
2.400
2.450
2.500
E2
1.600
1.650
1.700
b
0.250
0.300
0.350
e
0.650BSC
L
0.350
0.400
0.450
aaa
0.010
bbb
0.010
ccc
0.010
ddd
0.050
eee
0.080
fff
0.100
DFN3x3 Dual PACKAGE INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com