Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDEB25F4CP Datasheet(PDF) 2 Page - Potens Semiconductor Corp.

Part # PDEB25F4CP
Description  20V Dual N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDEB25F4CP Datasheet(HTML) 2 Page - Potens Semiconductor Corp.

  PDEB25F4CP Datasheet HTML 1Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 2Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 3Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 4Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Potens semiconductor corp.
Ver.1.00
2
PDEB25F4CP
20V Dual N-Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250µA
20
---
---
V
IDSS
Drain-Source Leakage Current
VDS=18V , VGS=0V , TJ=25℃
---
---
1
µA
VDS=16V , VGS=0V , TJ=70℃
---
---
10
µA
IGSS
Gate-Source Leakage Current
VGS=±12V , VDS=0V
---
---
±10
µA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=4.5V , ID=3A
3.6
4.5
5.4
m
VGS=4.0V , ID=3A
3.7
4.7
5.8
m
VGS=3.8V , ID=3A
3.8
4.8
6
m
VGS=3.1V , ID=3A
4
5.2
6.6
m
VGS=2.5V , ID=3A
4.3
5.9
7.7
m
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250µA
0.5
0.75
1.5
V
Dynamic and switching Characteristics2
Qg
Total Gate Charge
VDS=10V , VGS=4.5V , ID=20A
---
19
30
nC
Qgs
Gate-Source Charge
---
1.6
5
Qgd
Gate-Drain Charge
---
4.8
10
Td(on)
Turn-On Delay Time
VDD=10V , VGS=4.5V , RG=6
ID=20A
---
30
50
ns
Tr
Rise Time
---
70
100
Td(off)
Turn-Off Delay Time
---
80
120
Tf
Fall Time
---
105
160
Ciss
Input Capacitance
VDS=10V , VGS=0V , F=1MHz
---
440
660
pF
Coss
Output Capacitance
---
220
350
Crss
Reverse Transfer Capacitance
---
56
90
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
40
A
ISM
Pulsed Source Current
---
---
80
A
VSD
Diode Forward Voltage
VGS=0V , IS=1A , TJ=25℃
---
---
1
V
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
Essentially independent of operating temperature.
Electrical Characteristics (T
J=25 ℃, unless otherwise noted)
Drain-Source Diode Characteristics and Maximum Ratings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com