Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDEB25F4CP Datasheet(PDF) 1 Page - Potens Semiconductor Corp.

Part # PDEB25F4CP
Description  20V Dual N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDEB25F4CP Datasheet(HTML) 1 Page - Potens Semiconductor Corp.

  PDEB25F4CP Datasheet HTML 1Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 2Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 3Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 4Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Potens semiconductor corp.
Ver.1.00
1
PDEB25F4CP
20V Dual N-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
±12
V
ID
Drain Current
– Continuous (TA=25℃)
15
A
Drain Current
– Continuous (TA=70℃)
12
A
Drain Current
– Continuous (TC=25℃)
40
A
Drain Current
– Continuous (TC=100℃)
25.3
A
IDM
Drain Current
– Pulsed1 (TC=25℃)
160
A
PD
Power Dissipation (TA=25℃)
2
W
Power Dissipation
– Derate above 25℃
0.016
W/℃
Power Dissipation (TC=25℃)
15
W
Power Dissipation
– Derate above 25℃
0.12
W/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to Case
---
8.2
℃/W
BVDSS
RDSON
ID
20V
5.4m
40A
These N-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 20V,40A, RDS(ON) =5.4m
Ω @VGS = 4.5V
 Improved dv/dt capability
 Fast switching
 G-S ESD Protection Diode Embedded
 Green Device Available
General Description
Features
Applications
 Handheld Instruments
 POL Applications
 Battery Protection Applications
Absolute Maximum Ratings Tc=25℃ unless otherwise noted
Thermal Characteristics
DFN3x3 Dual Pin Configuration
D1/D2
G1
S1
S2
G2
S1
S1
S1
G1
S2
S2 S2
G2
D1/D2


Similar Part No. - PDEB25F4CP

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDEB25F4CQ POTENS-PDEB25F4CQ Datasheet
851Kb / 6P
20V Dual N-Channel MOSFETs
Ver.1.00
More results

Similar Description - PDEB25F4CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD85301Q2 TI1-CSD85301Q2 Datasheet
1Mb / 15P
20V Dual N-Channel NexFET Power MOSFETs
logo
E-CMOS Corporation
EC772320W E-CMOS-EC772320W Datasheet
178Kb / 4P
20V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2320X FS-FTK2320X Datasheet
798Kb / 5P
20V N-Channel MOSFETs
FTK2116DFN22 FS-FTK2116DFN22 Datasheet
859Kb / 6P
20V NP Dual Channel MOSFETs
FTK2116NP FS-FTK2116NP Datasheet
1Mb / 6P
20V N P Dual Channel MOSFETs
FTK2120NPSOT563 FS-FTK2120NPSOT563 Datasheet
1Mb / 8P
20V NP Dual Channel MOSFETs
FTK2216DFN22NN FS-FTK2216DFN22NN Datasheet
981Kb / 5P
20V Dual N-Channel MOSFETs
FTK2516DFN23 FS-FTK2516DFN23 Datasheet
882Kb / 6P
20V Dual N-Channel MOSFETs
FTK2306DFN33 FS-FTK2306DFN33 Datasheet
777Kb / 5P
20V N-Channel MOSFETs
FTK2004 FS-FTK2004 Datasheet
653Kb / 4P
20V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com