Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDEB25F4CP Datasheet(PDF) 3 Page - Potens Semiconductor Corp.

Part # PDEB25F4CP
Description  20V Dual N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDEB25F4CP Datasheet(HTML) 3 Page - Potens Semiconductor Corp.

  PDEB25F4CP Datasheet HTML 1Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 2Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 3Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 4Page - Potens Semiconductor Corp. PDEB25F4CP Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Potens semiconductor corp.
Ver.1.00
3
PDEB25F4CP
20V Dual N-Channel MOSFETs
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
NOTES:
DUTY FACTOR: D = t1/t2
SINGLE PULSE
0.5
0.2
0.1
0.05
0.02
0.01
0.4
0.6
0.8
1
1.2
1.4
-50
0
50
100
150
0
8
16
24
32
40
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
-50
0
50
100
150
0.01
0.1
1
10
100
0.1
1
10
TC=25℃
DC
100ms
10ms
100µs
10µs
1ms
0
1
2
3
4
5
0
4
8
12
16
20
ID=20A
VDS=10V
Fig.1 Continuous Drain Current vs. TC
Fig.3 Normalized Vth vs. TJ
TC , Case Temperature (℃)
Fig.2 Normalized RDSON vs. TJ
TJ , Junction Temperature (℃)
Fig.4 Gate Charge Waveform
Fig.6 Maximum Safe Operation Area
Fig.5 Normalized Transient Response
TJ , Junction Temperature (℃)
Qg , Gate Charge (nC)
VDS , Drain to Source Voltage (V)
Square Wave Pulse Duration (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com