Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitchTM Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 13Page - SMSC Corporation USB2524 Datasheet HTML 14Page - SMSC Corporation USB2524 Datasheet HTML 15Page - SMSC Corporation USB2524 Datasheet HTML 16Page - SMSC Corporation USB2524 Datasheet HTML 17Page - SMSC Corporation USB2524 Datasheet HTML 18Page - SMSC Corporation USB2524 Datasheet HTML 19Page - SMSC Corporation USB2524 Datasheet HTML 20Page - SMSC Corporation USB2524 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
Chapter 5 Switching Hub Block Diagram
Figure 5.1 USB2524 Switching Hub Block Diagram
U p s tream
V
BUS
U p stream
PH Y
U p s tream
U SB D a ta
R e p eater
C ontro lle r
SIE
Se ria l
In te rface
S w itc h ing Logic
D o w n stream
PH Y # 1
Po rt # 1
OC S e n s e
S w itch D river
L E D Driv e rs
D o w n stream
PH Y # 2
Po rt # 2
OC S e n s e
S w itch D river
L E D Driv e rs
Do wn s tre a m
U SB D a ta
OC
S ens e
Sw itc h /L E D
Driv e rs
Do wn s tre a m
U SB D a ta
OC
S ens e
Sw itc h /L ED
Driv e rs
V
BUS Po w e r
D e tect
In te rn a l
D e fa u lts
S e lect
U p stream
PH Y
U p s tream
USB D a ta
R e p eater
C ontro lle r
SIE
Pin
S trapping
O p tions
PL L
24 M H z
C rysta l
3.3V
1.8V
Re g .
1.8V
Ca p
To
E EPR O M
o r SM Bu s
Ma s te r
SC L
S D
D o w n stream
PH Y # 4
Po rt # 4
OC S e n s e
S w itch D river
L E D Driv e rs
Do wn s tre a m
U SB D a ta
OC
S ens e
Sw itc h /L ED
Driv e rs
D o w n stream
PH Y # 3
Po rt # 3
OC S e n s e
S w itch D river
L E D Driv e rs
D o w n s tream
US B Da ta
OC
S ens e
Sw itc h /L ED
Driv e rs
TT
#1
TT
#2
TT
#3
TT
#4
Po rt
C ontro lle r
TT
#1
TT
#2
TT
#3
TT
#4
Po rt
C ontro lle r
R outin g Logic
R outing Logic
Po rt
A ssig n
[3 :0 ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com