Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 46 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitchTM Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 42Page - SMSC Corporation USB2524 Datasheet HTML 43Page - SMSC Corporation USB2524 Datasheet HTML 44Page - SMSC Corporation USB2524 Datasheet HTML 45Page - SMSC Corporation USB2524 Datasheet HTML 46Page - SMSC Corporation USB2524 Datasheet HTML 47Page - SMSC Corporation USB2524 Datasheet HTML 48Page - SMSC Corporation USB2524 Datasheet HTML 49Page - SMSC Corporation USB2524 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
Revision 1.91 (08-22-07)
46
SMSC USB2524
DATASHEET
The assignment is as follows:
LED_A1_N = Port 1 Owned By Host A
LED_B1_N = Port 1 Owned By Host B
LED_A2_N = Port 2 Owned By Host A
LED_B2_N = Port 2 Owned By Host B
LED_A3_N = Port 3 Owned By Host A
LED_B3_N = Port 3 Owned By Host B
LED_A4_N = Port 4 Owned By Host A
LED_B4_N = Port 4 Owned By Host B
The Usage is as follows:
LED_Ax_N Driven to Logic Low = Port Owned by Host “A” and is operating at USB LS/FS Speed
LED_Ax_N Driven to Logic High = Port Owned by Host “A” and is operating at USB HS Speed
LED_Ax_N Pulsed @ 1KHz= Port Owned by Host “A” and has nothing attached.
LED_Ax_N is tri-state= LED “A” is off.
LED_Bx_N Driven to Logic Low = Port Owned by Host “B” and is operating at USB LS/FS Speed
LED_Bx_N Driven to Logic High = Port Owned by Host “B” and is operating at USB HS Speed
LED_Bx_N Pulsed @ 1KHz= Port Owned by Host “B” and has nothing attached.
LED_Bx_N is tri-state= LED “B” is off.
If a Port is disabled, or is Unassigned, then neither the “A” or “B” LED associated with that port will
be asserted (i.e. both LED's will be OFF/tri-stated).
Since these LED’s are provided to give an end-user a clear indication of Host Ownership of
downstream ports, they will function when the hub is in suspend, and will indicate Host ownership even
if the applicable assigned Host is disconnected, powered off, etc.
When a downstream device is in suspend (or the Hub is in suspend), connected devices will continue
to reflect the proper LED color for the operational speed the device is enumerated at (i.e, HS will
remain HS, and FS/LS will remain FS/LS) What will change is the 3rd color which represents an
assigned port with no connection, when in suspend the corresponding LED will be off (giving the same
indication as unassigned, while the hub is suspended). This disables the 1khz toggle while the hub
is suspended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com