Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 19 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitchTM Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 15Page - SMSC Corporation USB2524 Datasheet HTML 16Page - SMSC Corporation USB2524 Datasheet HTML 17Page - SMSC Corporation USB2524 Datasheet HTML 18Page - SMSC Corporation USB2524 Datasheet HTML 19Page - SMSC Corporation USB2524 Datasheet HTML 20Page - SMSC Corporation USB2524 Datasheet HTML 21Page - SMSC Corporation USB2524 Datasheet HTML 22Page - SMSC Corporation USB2524 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
SMSC USB2524
19
Revision 1.91 (08-22-07)
DATASHEET
Note 6.4
X = Don’t Care
6.1.2
Peripheral Mode: Level Triggered
In Peripheral Mode (Level Triggered), each pin directly switches a downstream port between the two
upstream host ports. Each pin on the PRT_ASSIGN interface is only capable of two electrical states
(either logic low or logic high). The interface will control downstream port assignment as follows.
Note: There is a switching delay determined by the Register D0h: Port Interface Delay Timer.
PRT_ASSIGN0 = '0', then Port 1 assigned to host 1
PRT_ASSIGN0 = '1', then Port 1 assigned to host 2
PRT_ASSIGN1 = '0', then Port 2 assigned to host 1
PRT_ASSIGN1 = '1', then Port 2 assigned to host 2
PRT_ASSIGN2 = '0', then Port 3 assigned to host 1
PRT_ASSIGN2 = '1', then Port 3 assigned to host 2
PRT_ASSIGN3 = '0', then Port 4 assigned to host 1
PRT_ASSIGN3 = '1', then Port 4 assigned to host 2
6.1.3
Peripheral Mode: Edge Triggered
Each pin will respond to a positive edge transition that is part of a positive pulse that has a minimum
pulse width of 100ns, and will not respond to another positive edge until after a negative pulse with
minimum pulse width (that is determined by the Register D0h: Port Interface Delay Timer (Reset =
0x00) on page 29) has been detected. The combination of a 100ns positive pulse width and a
programmable length negative width requirement provides an effective glitch filter mechanism for a
variety of mechanical switches.
Each positive edge transition will change the upstream host ownership of downstream ports as follows
(1st transition will increment ownership from Host 1 to Host 2, the 2nd transition will increment
ownership from Host 2 to Unassigned (or Host 1, if not using the Unassigned state), and the 3rd
transition will increment ownership from Unassigned to Host 1 (note: this “3rd” state will not occur if
“unassigned” is not used). Each subsequent transition will continue to increment the port ownership
and will cycle through in similar fashion.
Note: Power-On default for edge triggered operation is: all ports assigned to Host 1.
6.2
SMBus Host Control of Port Assignment
In this mode, the SMBus interface remains “live” during operation of the switching hub and is used to
switch/assign ports “on-the-fly” through SMBus commands. This is accomplished through register
direct writes to the Port Assignment registers (see the USB_ATTACH description under Register FFh:
Status/Command (Reset = 0x00) on page 39).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com