Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR71XF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STR71XF
Description  Evaluation Board for STR71xF
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR71XF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STR71XF Datasheet HTML 4Page - STMicroelectronics STR71XF Datasheet HTML 5Page - STMicroelectronics STR71XF Datasheet HTML 6Page - STMicroelectronics STR71XF Datasheet HTML 7Page - STMicroelectronics STR71XF Datasheet HTML 8Page - STMicroelectronics STR71XF Datasheet HTML 9Page - STMicroelectronics STR71XF Datasheet HTML 10Page - STMicroelectronics STR71XF Datasheet HTML 11Page - STMicroelectronics STR71XF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
2 Hardware
STR710-EVAL
7/27
2.9
CAN interface
A general purpose, asynchronous serial I/O data port connected through a 9-pin D-type male
connector with microswitch selectable low speed fault tolerant transceiver (L9669) or low or
high speed selectable transceiver (L9615 or L9616). See
Section 3.2: CAN bus connector on
page 13.
Caution:
The board schematic for the CAN interface detailed in
Figure 16: CAN interface on page 20, is
not a reference design and should not be copied. To design a CAN interface with the STR710
please refer to the “STR71x Hardware Development Getting Started Guide AN1775”.
2.10
RS232 serial interfaces
Two general purpose, asynchronous serial I/O data ports are connected through 9-pin D-type
male connectors refer to
Section 3.4: RS232 serial data connector on page 14.
RS232-A connects directly to UART0, transmit and receive only. RS232-B connects to either
UART1 or UART2 through switch 9, transmit and receive only.
RTS is shorted to CTS and DTR is shorted to DSR at the connector for both interfaces.
2.11
External analog
An external analog input connector is provided, see
Section 3.3: External analog on page 13
and
Figure 11: STR710-EVAL board top level page 1 of 2 on page 15.
2.12
Analog input
The analog input to ADC is demonstrated by the variable resistor R63. Although there is a
thermistor connected up to the analogue input AIN.1 in the schematics
Figure 11: STR710-
EVAL board top level page 1 of 2 on page 15, it is not functional and has been removed from
the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com