Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR71XF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STR71XF
Description  Evaluation Board for STR71xF
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR71XF Datasheet(HTML) 5 Page - STMicroelectronics

  STR71XF Datasheet HTML 1Page - STMicroelectronics STR71XF Datasheet HTML 2Page - STMicroelectronics STR71XF Datasheet HTML 3Page - STMicroelectronics STR71XF Datasheet HTML 4Page - STMicroelectronics STR71XF Datasheet HTML 5Page - STMicroelectronics STR71XF Datasheet HTML 6Page - STMicroelectronics STR71XF Datasheet HTML 7Page - STMicroelectronics STR71XF Datasheet HTML 8Page - STMicroelectronics STR71XF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
STR710-EVAL
2 Hardware
4/27
2
Hardware
Figure 1.
STR710-EVAL board layout block diagram
LD 3
LD 4
LD 5
LD 6
LD 8
LD 9
LD 10
LD 11
LD 12
LD 13
LD 14
LD 15
LD 16
LD 17
LD 18
LD 19
RS232-A
RS232-B
CAN CN1
USB CN3
SRAM
Flash
IC15, IC14
IC12
LCD display EMI
Buzzer
Variable
UART 0
Rx and Tx only
UART 1 or 2
SPI serial
I2C
1.8 V
regulator
+3.3 V
regulator
+5 V power
LD20
STR710FZ2T6
LD21
WAKEUP
Prototype area GDI
LD7
LD2
LD1
WAKE
RST
NXT
SEL
Push buttons
Board reset
resistor R63
ARM7TDMITM
CN7
Rx and Tx only
Switch selectable
JTAG
CN9
CN2
External
analog CN6
push button
push button
flash
DC power
filter IC1
CN8
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com