Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR71XF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STR71XF
Description  Evaluation Board for STR71xF
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR71XF Datasheet(HTML) 4 Page - STMicroelectronics

  STR71XF Datasheet HTML 1Page - STMicroelectronics STR71XF Datasheet HTML 2Page - STMicroelectronics STR71XF Datasheet HTML 3Page - STMicroelectronics STR71XF Datasheet HTML 4Page - STMicroelectronics STR71XF Datasheet HTML 5Page - STMicroelectronics STR71XF Datasheet HTML 6Page - STMicroelectronics STR71XF Datasheet HTML 7Page - STMicroelectronics STR71XF Datasheet HTML 8Page - STMicroelectronics STR71XF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
1 Introduction
STR710-EVAL
3/27
–
RTC real-time clock for wakeup from standby mode with embedded 32 KHz oscillator.
●
Serial ROMs:
–
1-Mbit SPI serial flash connected to the buffered serial peripheral interface (BSPI):
IC11,
–I2C EEPROM: 8-kbit EEPROM connected to the I2C0 interface: IC9.
1.2
Board interface connections
Diagrams and wiring descriptions for these connectors are provided in
Section 4: Schematics
on page 15. The following connections are supported by the board:
●
USB, support USB device using a type B connector: CN3,
●
CAN uses a single 9 D-type connector with microswitch selectable low or high speed
transceiver: CN1,
●
UART0 (Rx and Tx only) connected to a 9-way male D-type RS232 connector: CN7,
●
UART1 and 2 (Rx and Tx only) switch selectable, connected to a 9-way male D-type
RS232 connector: CN8 ,
●
JTAG, 20 pin IDC connector: CN9,
●
Piezo buzzer: SPKR1,
●
variable resistor, voltage range 0 to 2.5 V: R63,
●
prototype area: GD1,
●
test points, various test points are located throughout the board, for details see
Section 4:
Schematics on page 15,
●
external analog: CN6,
●
main power supply: CN2.
1.3
Push buttons
The following push buttons are provided:
●
reset, board reset: SW12,
●
wakeup, push button to bring processor out of low power mode: SW11,
●
select, programmable switch: SW4,
●
next, programmable switch: SW3.
1.4
Displays
The following LCD and LEDs are provided:
●
LCD display, 2x16 LCD display connected to a parallel EMI LCD interface; green back light
display: LCD1,
●
surface mount red, +5 V and +3.3 V power indicators: LD1, LD2,
●
surface mount orange, USB powered: LD7,
●
surface mount orange indicates standby status: LD21,
●
bi-color red/green: LD20,
●
low consumption LEDs red: LD3, LD4, LD5, LD6, LD8,LD9, LD10, LD11, LD12, LD13,
LD14, LD15, LD16, LD17, LD18, LD19.
Note:
The LCD I2C0 connection may be used, although the I2C0 connector is not fitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com