Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR71XF Datasheet(PDF) 26 Page - STMicroelectronics

Part # STR71XF
Description  Evaluation Board for STR71xF
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR71XF Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STR71XF Datasheet HTML 19Page - STMicroelectronics STR71XF Datasheet HTML 20Page - STMicroelectronics STR71XF Datasheet HTML 21Page - STMicroelectronics STR71XF Datasheet HTML 22Page - STMicroelectronics STR71XF Datasheet HTML 23Page - STMicroelectronics STR71XF Datasheet HTML 24Page - STMicroelectronics STR71XF Datasheet HTML 25Page - STMicroelectronics STR71XF Datasheet HTML 26Page - STMicroelectronics STR71XF Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
5 Revision history
STR710-EVAL
25/27
5
Revision history
Date
Revision
Changes
26-September-2005
1
Initial external release.
4-October-2005
2
Amended
Section 2.1 on page 6 to list the JTAG connector CN9.
Amended
Section 2.8 on page 6 to improve the USB interface
description.
Amended
Section 2.9 on page 7 to improve the CAN interface
description.
Updated
Table 4: Option jumpers on page 10 to show J5 is not fitted.
Amended the wording for SW1 in
Table 5 on page 10.
Amended the first table entry in
Table 11 on page 14.
Updated
Chapter 4: Schematics:
Figure 11 on page 15:
C80 is now marked as “Do not fit”, IC20 reset circuit has a threshold
voltage of 3.07 V not 2.63 V.
Figure 12 on page 16 J5 marked as “Do not fit”.
Figure 15 on page 19 IC2 shown with correct connectivity. Note that
on the PCB, IC2 is connected with In/Out swapped.
Figure 19 on page 23, R92 is now removed because it was in
parallel with R83.
Updated
Section 2.9: CAN interface on page 7 to include caution.
Updated
Chapter 4: Schematics to include the latest revision of
schematics.
Removed list of third party support vendors from description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com