Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA151 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA151
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA151 Datasheet HTML 13Page - Texas Instruments INA151 Datasheet HTML 14Page - Texas Instruments INA151 Datasheet HTML 15Page - Texas Instruments INA151 Datasheet HTML 16Page - Texas Instruments INA151 Datasheet HTML 17Page - Texas Instruments INA151 Datasheet HTML 18Page - Texas Instruments INA151 Datasheet HTML 19Page - Texas Instruments INA151 Datasheet HTML 20Page - Texas Instruments INA151 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
7.3 Feature Description
7.3.1 Input Common-Mode Voltage Range
The INA151 input common-mode voltage range extends from 4.3V up to 110V from negative supply and features
a high DC CMRR of 140dB (typical).
Common-Mode Voltage (V)
-10
0
10
20
30
40
50
60
70
80
90 100 110
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
G = 1
G = 2/3
G = 1/2
G = 1/4
Figure 7-2. Offset Voltage (Input Referred) vs Input Common-Mode Voltage
Figure 7-2 outlines the linear performance region of the INA151. A high common-mode rejection can be
expected when operating within the limits of the VCM versus VOUT graph.
The INA151 is protected against negative common-mode voltages extending down to −85V. This is useful when
multiple battery cells are connected in stack and accidental miswiring occurs. The reverse current is limited by
the input resistors and supply resistors of maximum 5mA at a negative common-mode voltage of −85V.
Common-Mode Voltage (V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-0.15
0.15
0.45
0.75
1.05
1.35
Figure 7-3. Input Bias Current vs Reverse Input Common-Mode Voltage
If the external power supply cannot sink reverse current an additional reverse path through DGND pin is
provided.
A minimum input common-mode voltage of 4.3V above the negative supply is required to operate the input
amplifier in the linear region.
www.ti.com
INA151
SLVSIL6B – JANUARY 2026 – REVISED MARCH 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com