Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA151 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA151
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA151 Datasheet HTML 10Page - Texas Instruments INA151 Datasheet HTML 11Page - Texas Instruments INA151 Datasheet HTML 12Page - Texas Instruments INA151 Datasheet HTML 13Page - Texas Instruments INA151 Datasheet HTML 14Page - Texas Instruments INA151 Datasheet HTML 15Page - Texas Instruments INA151 Datasheet HTML 16Page - Texas Instruments INA151 Datasheet HTML 17Page - Texas Instruments INA151 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±5V, RL = 10kΩ, CL = 10pF, VREF = VS / 2, VCM = (VIN+ + VIN–) / 2 = VS / 2, and G = 1 (A) (unless
otherwise noted)
Figure 6-35. Input Referred 0.1Hz to 10Hz Voltage Noise in Time
Domain, G=1/4V/V
Time ( s)
-10
0
10
20
30
40
50
60
-4
-3
-2
-1
0
1
2
3
4
G=1V/V
Figure 6-36. Large Signal Step Response
Time ( s)
-10
0
10
20
30
40
50
60
-80
-60
-40
-20
0
20
40
60
80
G = 1V/V
VS = 5V
Capacitive load = 100pF
Figure 6-37. Small-Signal Step Response
Time ( s)
-10
0
10
20
30
-250
-200
-150
-100
-50
0
50
100
150
200
250
1%
0.1%
Rising Edge
Falling Edge
.
Figure 6-38. Settling Time
Output Current (mA)
0
5
10
15
20
25
30
35
2
3
4
5
-40 C
25 C
85 C
125 C
.
Figure 6-39. Positive Output Voltage Swing vs Output Current
Output Current (mA)
0
5
10
15
20
25
30
35
40
-5
-4
-3
-2
-40 C
25 C
85 C
125 C
.
Figure 6-40. Negative Output Voltage Swing vs Output Current
INA151
SLVSIL6B – JANUARY 2026 – REVISED MARCH 2026
www.ti.com
14
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com