Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA151 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA151
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA151 Datasheet HTML 17Page - Texas Instruments INA151 Datasheet HTML 18Page - Texas Instruments INA151 Datasheet HTML 19Page - Texas Instruments INA151 Datasheet HTML 20Page - Texas Instruments INA151 Datasheet HTML 21Page - Texas Instruments INA151 Datasheet HTML 22Page - Texas Instruments INA151 Datasheet HTML 23Page - Texas Instruments INA151 Datasheet HTML 24Page - Texas Instruments INA151 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
8.1 Application Information
8.1.1 Reference Pin
The output voltage of the INA151 is developed with respect to the voltage on the reference pin (REF). Often in
dual-supply operation, REF pin connects to the system ground. However, in single-supply operation, offsetting
the output signal to a precise mid-supply level is sometimes required (for example, 1.25V or 2.5V in a +5V
single-supply configuration).
To accomplish this level shift, a low-impedance voltage source must be connected to the REF pin to level-shift
the output so that the INA151 can drive a single-supply ADC.
This is accomplished using an external reference buffer configured in unity gain, voltage follower configuration
as shown in Figure 8-1. Take into consideration that INA151D (G=1/4) imposes operating restrictions outlined in
Section 7.3.3.
IN +
IN –
5V
OUT
R1
R2
C1
5V
TLV9041
EN
Figure 8-1. INA151 With External Reference Buffer
www.ti.com
INA151
SLVSIL6B – JANUARY 2026 – REVISED MARCH 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com