Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA151 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA151
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA151 Datasheet HTML 7Page - Texas Instruments INA151 Datasheet HTML 8Page - Texas Instruments INA151 Datasheet HTML 9Page - Texas Instruments INA151 Datasheet HTML 10Page - Texas Instruments INA151 Datasheet HTML 11Page - Texas Instruments INA151 Datasheet HTML 12Page - Texas Instruments INA151 Datasheet HTML 13Page - Texas Instruments INA151 Datasheet HTML 14Page - Texas Instruments INA151 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±5V, RL = 10kΩ, CL = 10pF, VREF = VS / 2, VCM = (VIN+ + VIN–) / 2 = VS / 2, and G = 1 (A) (unless
otherwise noted)
Temperature ( C)
-60
-40
-20
0
20
40
60
80
100
120
140
-26.5
-25.5
-24.5
-23.5
-22.5
-21.5
-20.5
-19.5
-18.5
G = 1
G = 2/3
G = 1/2
G = 1/4
Figure 6-17. Input Bias Current vs Temperature
Common-Mode Voltage (V)
-10
0
10
20
30
40
50
60
70
80
90 100 110
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
G = 1
G = 2/3
G = 1/2
G = 1/4
Figure 6-18. Offset Voltage (Input Referred) vs Input Common-
Mode Voltage
Common-Mode Voltage (V)
-10
0
10
20
30
40
50
60
70
80
90 100 110
-24.5
-24
-23.5
-23
-22.5
-22
-21.5
-21
-20.5
-20
G = 1
G = 2/3
G = 1/2
G = 1/4
Figure 6-19. Input Bias Current vs Input Common-Mode Voltage
Differential Input Voltage (V)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
-60
-40
-20
0
20
40
IB+
IB-
Figure 6-20. Input Bias Current vs Input Differential Voltage
Common-Mode Voltage (V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-0.15
0.15
0.45
0.75
1.05
1.35
Figure 6-21. Input Bias Current vs Reverse Input Common-
Mode Voltage
Output Voltage (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-3
-2
-1
0
1
2
3
4
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Figure 6-22. Non-Linearity vs Output Voltage (G=1)
www.ti.com
INA151
SLVSIL6B – JANUARY 2026 – REVISED MARCH 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com