Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM135 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM135
Description  PRECISION TEMPERATURE SENSORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM135 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM135 Datasheet HTML 3Page - STMicroelectronics LM135 Datasheet HTML 4Page - STMicroelectronics LM135 Datasheet HTML 5Page - STMicroelectronics LM135 Datasheet HTML 6Page - STMicroelectronics LM135 Datasheet HTML 7Page - STMicroelectronics LM135 Datasheet HTML 8Page - STMicroelectronics LM135 Datasheet HTML 9Page - STMicroelectronics LM135 Datasheet HTML 10Page - STMicroelectronics LM135 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LM135
LM235
LM335
m= 1
+15V
+15V
50k
Ω
3k
Ω
LM311
LF398
38
5
6
7
1
4
2
01.
µF
1k
Ω
-15V
10k
Ω
200pF
1N4148
1N4148
27k
Ω
3
510
Ω
10k
Ω
100k
Ω
-15V
1000pF
1
5
6
7
4
8
1N457 0.1
µF
2k
Ω
Output
10mV/
°K
ISOLATED TEMPERATURE SENSOR
LM311
2
3
7
4
8
5
6
1
+10V to +30V
2k
Ω
1N4568
4k
Ω
10k
Ω
10k
Ω
5k
Ω
0.01
µF
LM135
LM235
LM335
10k
Ω
Heater
BUV26
SIMPLE TEMPERATURE CONTROLLER
LM135-LM235-LM335,A
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com