Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM135 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM135
Description  PRECISION TEMPERATURE SENSORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM135 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM135 Datasheet HTML 3Page - STMicroelectronics LM135 Datasheet HTML 4Page - STMicroelectronics LM135 Datasheet HTML 5Page - STMicroelectronics LM135 Datasheet HTML 6Page - STMicroelectronics LM135 Datasheet HTML 7Page - STMicroelectronics LM135 Datasheet HTML 8Page - STMicroelectronics LM135 Datasheet HTML 9Page - STMicroelectronics LM135 Datasheet HTML 10Page - STMicroelectronics LM135 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
THERMOCOUPLE COLD JUNCTION COMPENSATION
(compensation for grounded thermocouple)
LM135
LM235
LM335
R1
10k
Ω
4.7k
Ω
+15V
1N4568
R2
10
k
Ω
R3*
200k
Ω
1M
Ω
1%
Thermocouple
-15V
12k
Ω
71.5k
Ω
1%
1%
* Select R3 for proper thermocouple type
Adjustments : compensates for both sensor
and resistor tolerances.
1. Short 1N4568.
2. Adjust R1 for SEEBEC K coefficient times
ambient temperature (in degrees K) across
R3.
3. Short LM135 and adjust R2 for voltage
across R3 corresponding to thermocouple
type.
J
14.32mV
K
11.17mV
T
11.79mV
S
1.768mV
Thermo-
couple
R3
Seebeck
Coefficient
J
T
K
S
377
Ω
308
Ω
293
Ω
45.8
Ω
52.3
µV/oC
42.8
µV/oC
40.8
µV/oC
6.4
µV/oC
SINGLE POWER SUPPLY COLD JUNCTION COMPENSATION
LM135
LM235
LM335
R1
10k
Ω
10k
Ω
+15V
+15V
1N4568
200k
Ω
1M
Ω
R2
10
k
Ω
R4*
Output
Thermocouple
R3*
200k
Ω
* Select R3 and R4 for proper thermocouple
Adjustments :
1. Adjust R1 for the voltage across R3 equal
to the SEEBECK coeffi cient times ambient
temperature in degrees Kelvin.
2. Adjust R2 for voltage across R4 correspon-
ding to thermocouple.
J
14.32mV
K
11.17mV
T
11.79mV
S
1.768mV
Thermo-
couple
R3
R4
Seebeck
Coefficient
J
T
K
S
1.05k
Ω
856
Ω
816
Ω
128
Ω
365
Ω
315
Ω
300
Ω
46.3
Ω
52.3
µV/oC
42.8
µV/oC
40.8
µV/oC
6.4
µV/oC
LM135-LM235-LM335,A
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com