Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM135 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM135
Description  PRECISION TEMPERATURE SENSORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM135 Datasheet(HTML) 2 Page - STMicroelectronics

  LM135 Datasheet HTML 1Page - STMicroelectronics LM135 Datasheet HTML 2Page - STMicroelectronics LM135 Datasheet HTML 3Page - STMicroelectronics LM135 Datasheet HTML 4Page - STMicroelectronics LM135 Datasheet HTML 5Page - STMicroelectronics LM135 Datasheet HTML 6Page - STMicroelectronics LM135 Datasheet HTML 7Page - STMicroelectronics LM135 Datasheet HTML 8Page - STMicroelectronics LM135 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
3pF
10k
Ω
50k
Ω
49k
Ω
15.6k
Ω
V
60 0
Ω
30k
Ω
AD J
13.8k
Ω
1.1k
Ω
2k
Ω
V
1 2pF
49k
Ω
1
2
3
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
LM135
LM235
LM335,A
Unit
IR
IF
Current
Reverse
Forward
15
10
15
10
15
10
mA
Toper
Operating Free-air Temperature Range - (note 1)
Continuous
Intermittent
–55 to +150
+150 to +200
–40 to +125
+125 to +150
–40 to +100
+100 to +125
oC
Tstg
Storage Temperature Range
–65 to +150
–65 to +150
–65 to +150
oC
Note : 1. Tj
≤ 150oC
LM135-LM235-LM335,A
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com