Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM135 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM135
Description  PRECISION TEMPERATURE SENSORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM135 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM135 Datasheet HTML 2Page - STMicroelectronics LM135 Datasheet HTML 3Page - STMicroelectronics LM135 Datasheet HTML 4Page - STMicroelectronics LM135 Datasheet HTML 5Page - STMicroelectronics LM135 Datasheet HTML 6Page - STMicroelectronics LM135 Datasheet HTML 7Page - STMicroelectronics LM135 Datasheet HTML 8Page - STMicroelectronics LM135 Datasheet HTML 9Page - STMicroelectronics LM135 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
APPLICATION HINTS
There is an easy method of calibrating the device for
higher accuracies (see typical applications).
The single point calibration works because the out-
put of the LM135, LM235, LM335 is proportional to
the absolute temperature with the extrapolated out-
put of sensor going to 0V at 0
oK ( –273.15oC). Errors
in outputvoltage versus temperature are only slope.
Thus a calibration of the slope at one temperature
corrects errors at all temperatures.
The output of the circuit (calibrated or not) can be
given by the equation : VOT
= VOTO x
T
To
where T is the unknown temperature and TO is the
reference temperature (in
oK).
Nominally the output is calibrated at 10mV/
oK.
Precautions should be taken to ensure good sens-
ing accuracy. As in the case of all temperaturessen-
sors, self heating can decrease accuracy. The
LM135, LM235, LM335 should operate with a low
current, but sufficient to drive the sensor and its cali-
bration circuit to their maximum operating tempera-
ture.
If the sensor is used in surroundings where the ther-
mal resistane is constant,the errors due to self heat-
ing can be externally calibrated. This is possible if
the circuit is biased with a temperature stable cur-
rent. Heating will then be proportional to zener volt-
age and therefore temperature. In this way the error
due to self heating is proportional to the absolute
temperature as scale factor errors.
LM135
LM235
LM335
V
R1
Output
10mV/
°K
TYPICAL APPLICATIONS
BASIC TEMPERATURE SENSOR
Vi
+5 to +40V
LM134, LM234
LM334
68
LM135
LM235
LM335
Output
10mV/
°K
WIDE OPERATING SUPPLY
LM135
LM235
LM335
V
R1
Output
10mV/
°K
10k
Ω*
* Calibrate for 2.982V at +25
oC
CALIBRATED SENSOR
LM135
LM235
LM335
6k
Output
30mV/
°K
+15V
AVERAGE TEMPERATURE SENSING
LM135-LM235-LM335,A
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com