Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM134 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM134
Description  THREE TERMINAL ADJUSTABLE CURRENT SOURCES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM134 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM134 Datasheet HTML 2Page - STMicroelectronics LM134 Datasheet HTML 3Page - STMicroelectronics LM134 Datasheet HTML 4Page - STMicroelectronics LM134 Datasheet HTML 5Page - STMicroelectronics LM134 Datasheet HTML 6Page - STMicroelectronics LM134 Datasheet HTML 7Page - STMicroelectronics LM134 Datasheet HTML 8Page - STMicroelectronics LM134 Datasheet HTML 9Page - STMicroelectronics LM134 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
V
ADJ
VO
V
R3
R2
R1
V > 4.8V
i
C1
R1 = 230
Ω,1%
VO =10mV/
oK
R2 = 10k
Ω,1%
ZO
≤ 100Ω
R3 = 600
Ω
Output i mpedance of the LM134, LM234, LM334 at the
”A DJ” pin is approximately
− RoΩ
16
where Ro is the equiva-
lent external resi stance connected to the V
-
pi n. T his
negative resi stance can be reduced by a factor of 5 or
more by i nserting an equi val ent resistor in seri es with
the output
Figure 5 : Low Output Impedance Thermometer
C1
R1
R2
Vi
V
ADJ
VO
V
R3
R4
R1 = 15k
Ω
R2 = 300
Ω
R3 = 100
Ω
R4 = 4.5k
Ω
C1 = 2.2nF
VO = 10mV/
OK
ZO
≤ 2Ω
FIgure 6 : Low Output Impedance Thermometer
ADJ
Vi
V
set
R
V
Vi
1
µA
UA776
Rset = 68k
Ω
Figure 7 : Micropower Bias
ADJ
Vi
V
V
C1
R2
VO
LM136
R1
2N2905
R1 = 1.5k
Ω
R2 = 120
Ω
C1 = 0.1
µF
IO
≤ 3mA
V I
+
≥ Vref +200mV
V O =VZ +64mV (+25
oC)
Figure 8 : Low Input Voltage Reference Driver
LM134-LM234-LM334
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com