Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM134 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM134
Description  THREE TERMINAL ADJUSTABLE CURRENT SOURCES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM134 Datasheet(HTML) 1 Page - STMicroelectronics

  LM134 Datasheet HTML 1Page - STMicroelectronics LM134 Datasheet HTML 2Page - STMicroelectronics LM134 Datasheet HTML 3Page - STMicroelectronics LM134 Datasheet HTML 4Page - STMicroelectronics LM134 Datasheet HTML 5Page - STMicroelectronics LM134 Datasheet HTML 6Page - STMicroelectronics LM134 Datasheet HTML 7Page - STMicroelectronics LM134 Datasheet HTML 8Page - STMicroelectronics LM134 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Z
TO92
(Plastic Package)
.
OPERATES from 1V to 40V
.
0.02% V CURRENT REGULATION
.
PROGRAMMABLE from 1
µA to 10mA
.±
3% INITIAL ACCURACY
DESCRIPTION
The LM134/LM234/LM334 are 3-terminal adjust-
able current sources characterized by :
- an operating current range of 10000 : 1
- an excellent current regulation
- a wide dynamic voltage range of 1V to 40V
The current is determined by an external resistor
without requiring other external components.
Reverse voltages of up to 20V will only draw a cur-
rent of several microamperes. This enables the
circuit to operate as a rectifier and as a source of cur-
rent in a.c. applications.
For the LM134/LM234/LM334, the voltage on the
control pin is 64mV at +25
oC and is directly propor-
tional to the absolute temperature (
oK). The simplest
external resistor connection generates a current
with
≈ 0.33%/oC temperature dependence. Zero
drift can be obtainedby adding an additionalresistor
and a diode to the external circuit.
PIN CONNECTIONS
D
SO8
(Plastic Micropackage)
V +
AD J
V
-
21
3
TO92
(Bottom view)
LM134-LM234
LM334
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
87
6
5
12
3
4
NC
NC
V
NC
-
ADJ
NC
N C
V+
SO8
(Top view)
ORDER CODES
Part Num-
ber
Temperature
Range
Package
ZD
LM134
–55
oC, +125oC
••
LM234
–25
oC, +100oC
••
LM334
0
oC, +70oC
••
Example : LM134Z
October 1997
1/10


Similar Part No. - LM134

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
273Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134 Datasheet
1Mb / 11P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
May-2003
logo
Linear Technology
LM134 LINER-LM134 Datasheet
156Kb / 12P
Constant Current Source and Temperature Sensor
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
755Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134 Datasheet
500Kb / 16P
Three terminal adjustable current sources
29-May-2007
More results

Similar Description - LM134

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
273Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134_03 Datasheet
1Mb / 11P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
May-2003
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134_07 Datasheet
500Kb / 16P
Three terminal adjustable current sources
29-May-2007
logo
Texas Instruments
LM234Z-6 TI-LM234Z-6 Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334M TI-LM334M Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6 TI1-LM234Z-6 Datasheet
1Mb / 25P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334M TI1-LM334M Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI-LM134_15 Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI1-LM134_16 Datasheet
1Mb / 26P
3-Terminal Adjustable Current Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com