Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM134 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM134
Description  THREE TERMINAL ADJUSTABLE CURRENT SOURCES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM134 Datasheet(HTML) 2 Page - STMicroelectronics

  LM134 Datasheet HTML 1Page - STMicroelectronics LM134 Datasheet HTML 2Page - STMicroelectronics LM134 Datasheet HTML 3Page - STMicroelectronics LM134 Datasheet HTML 4Page - STMicroelectronics LM134 Datasheet HTML 5Page - STMicroelectronics LM134 Datasheet HTML 6Page - STMicroelectronics LM134 Datasheet HTML 7Page - STMicroelectronics LM134 Datasheet HTML 8Page - STMicroelectronics LM134 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Q3
Q4
Q5
Q6
Q1
Q2
C1
50pF
ADJ
V
V
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
LM134 - LM234
LM334
Unit
Voltage V
+ to V
Forward
Reverse
40
20
30
20
V
VADJ
-
ADJ Pin to V
Voltage
5
5
V
ISET
Set Current
10
10
mA
Ptot
Power Dissipation
400
400
mW
Tstg
Storage Temperature Range
–65 to +150
oC
Toper
Operating Free-air Temperature Range
LM134
LM234
LM334
–55 to +125
–25 to +100
0 to +70
oC
LM134-LM234-LM334
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com