Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM134 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM134
Description  THREE TERMINAL ADJUSTABLE CURRENT SOURCES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM134 Datasheet(HTML) 5 Page - STMicroelectronics

  LM134 Datasheet HTML 1Page - STMicroelectronics LM134 Datasheet HTML 2Page - STMicroelectronics LM134 Datasheet HTML 3Page - STMicroelectronics LM134 Datasheet HTML 4Page - STMicroelectronics LM134 Datasheet HTML 5Page - STMicroelectronics LM134 Datasheet HTML 6Page - STMicroelectronics LM134 Datasheet HTML 7Page - STMicroelectronics LM134 Datasheet HTML 8Page - STMicroelectronics LM134 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
APPLICATION HINT
SLEW RATE
At slew rates above a threshold (see curve) the
LM134, LM234, LM334 can have a non-linear cur-
rent characteristic. The slew rate at which this takes
place is directly proportional to Iset.At Iset =10
µA,
dv/dt max. = 0.01V/
µS ; at Iset = 1mA, dv/dt max. =
1V/
µS. Slew rates of more than 1V/µSdo not dam-
age the circuit nor do they produce high currents.
THERMAL EFFECTS
Internal heating can have a significant effect on cur-
rent regulation for an Iset above 100
µA. For exam-
ple, each increase of 1V in the voltage across the
LM134 at Iset = 1mA will increase the junction tem-
perature by
≈ 0.4oC (in still air). The output current
(Iset) has a temperature coefficient of about
0.33%/
oC. Thus the change in current due to the in-
crease in temperature will be (0.4) (0.33) = 0.132%.
This is a degradation of 10 : 1 in regulation versus
the true electrical effects. Thermal effects should be
taken into account when d.c. regulation is critical
and Iset is higher than 100
µA. The dissipation of the
connectionsof CB-97 packagecan reduce this ther-
mal effect by a coefficient of more than 3.
SHUNT CAPACITANCE
In certain applications, the 15pF value for the shunt
capacitance should be reduced :
- because of loading problems,
- because of limitation of the output impedance of
the current source in a.c. applications. This reduc-
tion of the capacitance can be easily carried out by
adding a FET as indicatedin the typical applications.
The value of this capacitance can be reduced by at
least 3pF and regulation can be improved by an or-
der of magnitude without any modificationof the d.c.
characteristics (except for the minimum input volt-
age).
NOISE
The current noise produced by LM134, LM234,
LM334 is about 4 times that of a transistor. If the
LM134, LM234, LM334 is utilized as an active load
for a transistor amplifier, the noise at the input will
increase by about 12dB. In most cases this is ac-
ceptable, and a single amplifier can be built with a
voltage gain higher than 2000.
LEAD RESISTANCE
The sense voltage which determines the current of
the LM134, LM234, LM334, is less than 100mV. At
this level, the effects of the thermocouple and the
connection resistance should be reduced by locat-
ing the current setting resistor close to the device.
Do not use sockets for the ICs. A contact resistance
of 0.7
Ω is sufficient to decrease the output current
by 1% at the 1mA level.
SENSING TEMPERATURE
The LM134, LM234, LM334 are excellent remote
controlled temperature sensors because their op-
eration as sources of current preserves their accu-
racy even in the case of long connecting wires. The
output current is directly proportional to the absolute
temperature in degrees Kelvin according to the fol-
lowing equation.
Iset
= (
227
µV/oK)(T)
Rset
The calibration of the LM134, LM234, LM334 is sim-
plified by the fact that most of the initial accuracy is
due to gain limitation (slope error) and not an offset.
Gain adjustment is a one point trim because the out-
put of the device extrapolates to zero at 0
oK.
This particularity of the LM134, LM234, LM334 is il-
lustrated in the above diagram. Line abc represents
the sensor current before adjustment and line a’b’c’
represents the desired output. An adjustment of the
gain provided at T2 will move the output from b to
b’ and will correct the slope at the same time so that
the output at T1 and T3 will be correct. This gain ad-
justment can be carried out by means of Rset or the
load resistor utilized in the circuit. After adjustment,
the slope error should be less than 1%. A low tem-
peraturecoefficient for Rset is necessary to keep this
accuracy. A 33ppm/
oC temperature drift of Rset will
give an error of 1% on the slope because the resis-
tance follows the same temperature variations as
the LM134, LM234, LM334. Three wires are re-
quired to isolate Rset from the LM134, LM234,
LM334. Since this solution is not recommended.
Metal-film resistors with a drift less than 20ppm/
oC
are now available. Wirewound resistors can be util-
ized when very high stability is required.
T1
T2
T3
0
°K
I
set
Desired output
Initial output
c
b
a
a’
b’
c’
LM134-LM234-LM334
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com