Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS41C16100-50TL Datasheet(PDF) 21 Page - Integrated Silicon Solution, Inc

Part # IS41C16100-50TL
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C16100-50TL Datasheet(HTML) 21 Page - Integrated Silicon Solution, Inc

Back Button IS41C16100-50TL Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 23Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
PACKAGING INFORMATION
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. F
10/29/03
Copyright © 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
400-mil Plastic SOJ
Package Code: K
Notes:
1. Controlling dimension:
millimeters.
2. BSC = Basic lead spacing
between centers.
3. Dimensions D and E1 do not
include mold flash protrusions
and should be measured from
the bottom of the package.
4. Reference document: JEDEC
MS-027.
SEATING PLANE
1
N
E1
D
E2
E
B
e
A1
A
C
A2
b
N/2+1
N/2
Millimeters
Inches
Millimeters
Inches
Millimeters
Inches
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
No. Leads (N)
28
32
36
A
3.25
3.75
0.128
0.148
3.25
3.75
0.128 0.148
3.25
3.75
0.128 0.148
A1
0.64
—
0.025
—
0.64
—
0.025
—
0.64
—
0.025
—
A2
2.08
—
0.082
—
2.08
—
0.082
—
2.08
—
0.082
—
B
0.38
0.51
0.015
0.020
0.38
0.51
0.015 0.020
0.38
0.51
0.015 0.020
b
0.66
0.81
0.026
0.032
0.66
0.81
0.026 0.032
0.66
0.81
0.026 0.032
C
0.18
0.33
0.007
0.013
0.18
0.33
0.007 0.013
0.18
0.33
0.007 0.013
D
18.29 18.54
0.720
0.730
20.82
21.08
0.820 0.830
23.37 23.62
0.920 0.930
E
11.05 11.30
0.435
0.445
11.05
11.30
0.435 0.445
11.05 11.30
0.435 0.445
E1
10.03 10.29
0.395
0.405
10.03
10.29
0.395 0.405
10.03 10.29
0.395 0.405
E2
9.40 BSC
0.370 BSC
9.40 BSC
0.370 BSC
9.40 BSC
0.370 BSC
e
1.27 BSC
0.050 BSC
1.27 BSC
0.050 BSC
1.27 BSC
0.050 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com