Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS41C16100-50TL Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS41C16100-50TL
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C16100-50TL Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS41C16100-50TL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
IIntegrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. L
12/22/05
IS41C16100
IS41LV16100
ISSI®
Copyright © 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
FEATURES
• TTL compatible inputs and outputs; tristate I/O
• Refresh Interval:
— Auto refresh Mode: 1,024 cycles /16 ms
—
RAS-Only, CAS-before-RAS (CBR), and Hidden
— Self refresh Mode - 1,024 cycles / 128ms
• JEDEC standard pinout
• Single power supply:
— 5V ± 10% (IS41C16100)
— 3.3V ± 10% (IS41LV16100)
• Byte Write and Byte Read operation via two
CAS
• Industrail Temperature Range -40oC to 85oC
• Lead-free available
DESCRIPTION
The
ISSI IS41C16100 and IS41LV16100 are 1,048,576 x 16-bit
high-performance CMOS Dynamic Random Access Memories.
These devices offer an accelerated cycle access called EDO Page
Mode. EDO Page Mode allows 1,024 random accesses within a
single row with access cycle time as short as 20 ns per 16-bit word.
The Byte Write control, of upper and lower byte, makes the
IS41C16100idealforusein16-bitand32-bitwidedatabussystems.
ThesefeaturesmaketheIS41C16100andIS41LV16100ideallysuited
for high-bandwidth graphics, digital signal processing, high-
performance computing systems, and peripheral applications.
The IS41C16100 and IS41LV16100 are packaged in a 42-pin 400-
milSOJand400-mil50-(44-)pinTSOP(TypeII).Thelead-free400-
mil 50- (44-) option is available too.
1M x 16 (16-MBIT) DYNAMIC RAM
WITH EDO PAGE MODE
KEY TIMING PARAMETERS
Parameter
-50
-60
Unit
Max.
RAS Access Time (tRAC)
5060ns
Max.
CAS Access Time (tCAC)
1315ns
Max. Column Address Access Time (tAA)
2530ns
Min. EDO Page Mode Cycle Time (tPC)
2025ns
Min. Read/Write Cycle Time (tRC)
84
104
ns
PIN CONFIGURATIONS
50(44)-Pin TSOP (Type II)
42-Pin SOJ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
NC
NC
WE
RAS
NC
NC
A0
A1
A2
A3
VCC
GND
I/O15
I/O14
I/O13
I/O12
GND
I/O11
I/O10
I/O9
I/O8
NC
LCAS
UCAS
OE
A9
A8
A7
A6
A5
A4
GND
PIN DESCRIPTIONS
A0-A9
Address Inputs
I/O0-15
Data Inputs/Outputs
WE
Write Enable
OE
Output Enable
RAS
Row Address Strobe
UCAS
Upper Column Address Strobe
LCAS
Lower Column Address Strobe
Vcc
Power
GND
Ground
NC
No Connection
December 2005
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
NC
NC
NC
WE
RAS
NC
NC
A0
A1
A2
A3
VCC
GND
I/O15
I/O14
I/O13
I/O12
GND
I/O11
I/O10
I/O9
I/O8
NC
NC
LCAS
UCAS
OE
A9
A8
A7
A6
A5
A4
GND


Similar Part No. - IS41C16100-50TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100-50T ISSI-IS41C16100-50T Datasheet
123Kb / 20P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50TI ISSI-IS41C16100-50TI Datasheet
123Kb / 20P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41C16100-50TL

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A420616 AMICC-A420616 Datasheet
272Kb / 25P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com