Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS41C16100-50TL Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS41C16100-50TL
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C16100-50TL Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS41C16100-50TL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
IS41C16100
IS41LV16100
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. L
12/22/05
ISSI®
ELECTRICAL CHARACTERISTICS(1)
(Recommended Operating Conditions unless otherwise noted.)
Symbol
Parameter
Test Condition
Speed
Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V
≤ VIN ≤ Vcc
–5
5
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
–5
5
µA
0V
≤ VOUT ≤ Vcc
VOH
Output High Voltage Level
IOH = –5.0 mA (5V)
2.4
—
V
IOH = –2.0 mA (3.3V)
VOL
Output Low Voltage Level
IOL = 4.2 mA (5V)
—
0.4
V
IOL = 2.0 mA (3.3V)
ICC1
Standby Current: TTL
RAS, LCAS, UCAS
≥ VIH Commerical 5V
—
3
mA
3.3V
—
3
Industrial
5V
—
4
mA
3.3V
—
4
ICC2
Standby Current: CMOS
RAS, LCAS, UCAS
≥ VCC – 0.2V
5V
—
2
mA
3.3V
—
2
ICC3
Operating Current:
RAS, LCAS, UCAS,
-50
—
160
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-60
—
145
Average Power Supply Current
ICC4
Operating Current:
RAS = VIL, LCAS, UCAS,
-50
—
90
mA
EDO Page Mode(2,3,4)
Cycling tPC = tPC (min.)
-60
—
80
Average Power Supply Current
ICC5
Refresh Current:
RAS Cycling, LCAS, UCAS
≥ VIH
-50
—
160
mA
RAS-Only(2,3)
tRC = tRC (min.)
-60
—
145
Average Power Supply Current
ICC6
Refresh Current:
RAS, LCAS, UCAS Cycling
-50
—
160
mA
CBR(2,3,5)
tRC = tRC (min.)
-60
—
145
Average Power Supply Current
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight
RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured. The eight
RAS cycles wake-up should be repeated any time the tREF refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each EDO page cycle.
5. Enables on-chip refresh and address counters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com