Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS41C16100-50TL Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS41C16100-50TL
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C16100-50TL Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS41C16100-50TL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
IS41C16100
IS41LV16100
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. L
12/22/05
ISSI®
AC CHARACTERISTICS (Continued)(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-50
-60
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tWP
Write Command Pulse Width(17)
8—
10
—
ns
tWPZ
WE Pulse Widths to Disable Outputs
10
—
10
—
ns
tRWL
Write Command to
RAS Lead Time(17)
13
—
15
—
ns
tCWL
Write Command to
CAS Lead Time(17, 21)
8—
10
—
ns
tWCS
Write Command Setup Time(14, 17, 20)
0—
0—
ns
tDHR
Data-in Hold Time (referenced to
RAS)39
—
39
—
ns
tACH
Column-Address Setup Time to
CAS
15
—
15
—
ns
Precharge during WRITE Cycle
tOEH
OE Hold Time from WE during
8
—
10
—
ns
READ-MODIFY-WRITE cycle(18)
tDS
Data-In Setup Time(15, 22)
0—
0—
ns
tDH
Data-In Hold Time(15, 22)
8—
10
—
ns
tRWC
READ-MODIFY-WRITE Cycle Time
108
—
133
—
ns
tRWD
RAS to WE Delay Time during
64
—
77
—
ns
READ-MODIFY-WRITE Cycle(14)
tCWD
CAS to WE Delay Time(14, 20)
26
—
32
—
ns
tAWD
Column-Address to
WE Delay Time(14)
39
—
47
—
ns
tPC
EDO Page Mode READ or WRITE
20
—
25
—
ns
Cycle Time(24)
tRASP
RAS Pulse Width in EDO Page Mode
50
100K
60
100K
ns
tCPA
Access Time from
CAS Precharge(15)
—30
—
35
ns
tPRWC
EDO Page Mode READ-WRITE
56
—
68
—
ns
Cycle Time(24)
tCOH
Data Output Hold after
CAS LOW
5
—
5
—
ns
tOFF
Output Buffer Turn-Off Delay from
1.6
12
1.6
15
ns
CAS or RAS(13,15,19, 29)
tWHZ
Output Disable Delay from
WE
310
3
10
ns
tCLCH
Last
CAS going LOW to First CAS
10
—
10
—
ns
returning HIGH(23)
tCSR
CAS Setup Time (CBR REFRESH)(30, 20)
5—
5—
ns
tCHR
CAS Hold Time (CBR REFRESH)(30, 21)
8—
10
—
ns
tORD
OE Setup Time prior to RAS during
0
—
0
—
ns
HIDDEN REFRESH Cycle
tREF
Auto Refresh Period (1,024 Cycles)
—
16
—
16
ms
tREF
Self Refresh Period (1,024 Cycles)
—
128
—
128
ms
tT
Transition Time (Rise or Fall)(2, 3)
150
1
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com