Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE16-VMP6TP Datasheet(PDF) 36 Page - Numonyx B.V

Part # M25PE16-VMP6TP
Description  16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE16-VMP6TP Datasheet(HTML) 36 Page - Numonyx B.V

Back Button M25PE16-VMP6TP Datasheet HTML 32Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 33Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 34Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 35Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 36Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 37Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 38Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 39Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 40Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
Instructions
M25PE16
36/58
6.11
Write to lock register (WRLR)
The write to lock register (WRLR) instruction allows bits to be changed in the lock registers.
Before it can be accepted, a write enable (WREN) instruction must previously have been
executed. After the write enable (WREN) instruction has been decoded, the device sets the
write enable latch (WEL).
The write to lock register (WRLR) instruction is entered by driving Chip Select (S) Low,
followed by the instruction code, three address bytes (pointing to any address in the targeted
sector and one data byte on serial data input (D). The instruction sequence is shown in
Figure 16. Chip Select (S) must be driven High after the eighth bit of the data byte has been
latched in, otherwise the write to lock register (WRLR) instruction is not executed.
Lock register bits are volatile, and therefore do not require time to be written. When the write
to lock register (WRLR) instruction has been successfully executed, the write enable latch
(WEL) bit is reset after a delay time less than tSHSL minimum value.
Any write to lock register (WRLR) instruction, while an erase, program or write cycle is in
progress, is rejected without having any effects on the cycle that is in progress.
Figure 16.
Write to lock register (WRLR) instruction sequence
Table 10.
Lock register in
Sector
Bit
Value
All sectors
b7-b2
‘0’
b1
Sector lock down bit value (refer to Table 9)
b0
Sector write lock bit value (refer to Table 9)
AI10784
C
D
S
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
Instruction
24-bit address
0
765432
0
1
Lock register
in
39
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com