Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE16-VMP6TP Datasheet(PDF) 15 Page - Numonyx B.V

Part # M25PE16-VMP6TP
Description  16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE16-VMP6TP Datasheet(HTML) 15 Page - Numonyx B.V

Back Button M25PE16-VMP6TP Datasheet HTML 11Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 12Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 13Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 14Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 15Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 16Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 17Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 18Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 19Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
M25PE16
Operating features
15/58
4.8.2
Specific hardware and software protections
There are two software protected modes, SPM1 and SPM2, that can be combined to protect
the memory array as required. The SPM2 can be hardware protected with the help of the W
input pin.
SPM1 and SPM2
●
The first software protected mode (SPM1) is managed by specific lock registers
assigned to each 64 Kbyte sector.
The lock registers can be read and written using the read lock register (RDLR) and
write to lock register (WRLR) instructions.
In each lock register two bits control the protection of each sector: the write lock bit and
the lock down bit.
–
Write lock bit:
The write lock bit determines whether the contents of the sector can be modified
(using the write, program or erase instructions). When the write lock bit is set to ‘1’,
the sector is write protected – any operations that attempt to change the data in
the sector will fail. When the write lock bit is reset to ‘0’, the sector is not write
protected by the lock register, and may be modified.
–
Lock down bit:
The lock down bit provides a mechanism for protecting software data from simple
hacking and malicious attack. When the lock down bit is set to ‘1’, further
modification to the write lock and lock down bits cannot be performed. A reset, or
power-up, is required before changes to these bits can be made. When the lock
down bit is reset to ‘0’, the write lock and lock down bits can be changed.
The write lock bit and the lock down bit are volatile and their value is reset to ‘0’ after a
power-down or a reset (see Table 12: Device status after a Reset Low pulse).
The definition of the lock register bits is given in Table 9: Lock register out.
Table 2.
Software protection truth table (sectors 0 to 31, 64-Kbyte granularity)
Sector lock register
Protection status
Lock
down bit
Write
lock bit
00
Sector unprotected from program/erase/write operations, protection status
reversible
01
Sector protected from program/erase/write operations, protection status
reversible
10
Sector unprotected from program/erase/write operations,
sector protection status cannot be changed except by a reset or power-up.
11
Sector protected from program/erase/write operations,
Sector protection status cannot be changed except by a reset or power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com