Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE16-VMP6TP Datasheet(PDF) 16 Page - Numonyx B.V

Part # M25PE16-VMP6TP
Description  16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE16-VMP6TP Datasheet(HTML) 16 Page - Numonyx B.V

Back Button M25PE16-VMP6TP Datasheet HTML 12Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 13Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 14Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 15Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 16Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 17Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 18Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 19Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 20Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
Operating features
M25PE16
16/58
●
The second software protected mode (SPM2) uses the block protect (BP2, BP1,
BP0, see Section 6.4.3)) bits to allow part of the memory to be configured as read-only.
Table 3.
Protected area sizes
Status register
content
Memory content
BP2
bit
BP1
bit
BP0
bit
Protected area
Unprotected area
0
0
0
none
All sectors(1) (32 sectors: 0 to 31)
1.
The device is ready to accept a bulk erase instruction if, and only if, all block protect (BP2, BP1, BP0) are 0.
0
0
1
Upper 32nd (Sector 31)
Lower 31st/32nd (31 sectors: 0 to 30)
0
1
0
Upper sixteenth (two sectors: 30 and
31)
Lower 15/16ths (30 sectors: 0 to 29)
0
1
1
Upper eighth (four sectors: 28 to 31)
Lower seven-eighths (28 sectors: 0 to 27)
1
0
0
Upper quarter (eight sectors: 24 to
31)
Lower three-quarters (24 sectors: 0 to 23)
1
0
1
Upper half (sixteen sectors: 16 to 31)
Lower half (16 sectors: 0 to 15)
1
1
0
All sectors (32 sectors: 0 to 31)
none
1
1
1
All sectors (32 sectors: 0 to 31)
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com