Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE16-VMP6TP Datasheet(PDF) 17 Page - Numonyx B.V

Part # M25PE16-VMP6TP
Description  16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE16-VMP6TP Datasheet(HTML) 17 Page - Numonyx B.V

Back Button M25PE16-VMP6TP Datasheet HTML 13Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 14Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 15Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 16Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 17Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 18Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 19Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 20Page - Numonyx B.V M25PE16-VMP6TP Datasheet HTML 21Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
M25PE16
Memory organization
17/58
5
Memory organization
The memory is organized as:
●
8192 pages (256 bytes each).
●
2,097,152 bytes (8 bits each)
●
32 sectors (512 Kbits, 65536 bytes each)
●
512 subsectors (32 Kbits, 4096 bytes each)
Each page can be individually:
●
programmed (bits are programmed from 1 to 0)
●
erased (bits are erased from 0 to 1)
●
written (bits are changed to either 0 or 1)
The device is page, sector or bulk erasable (bits are erased from 0 to 1).
Table 4.
Memory organization
Sector Subsector
Address range
Sector Subsector
Address range
31
511
1FF000h
1FFFFFh
23
383
17F000h
17FFFFh
496
1F0000h
1F0FFFh
368
170000h
170FFFh
30
495
1EF000h
1EFFFFh
22
367
16F000h
16FFFFh
480
1E0000h
1E0FFFh
352
160000h
160FFFh
29
479
1DF000h
1DFFFFh
21
351
15F000h
15FFFFh
464
1D0000h
1D0FFFh
336
150000h
150FFFh
28
463
1CF000h
1CFFFFh
20
335
14F000h
14FFFFh
448
1C0000h
1C0FFFh
320
140000h
140FFFh
27
447
1BF000h
1BFFFFh
19
319
13F000h
13FFFFh
432
1B0000h
1B0FFFh
304
130000h
130FFFh
26
431
1AF000h
1AFFFFh
18
303
12F000h
12FFFFh
416
1A0000h
1A0FFFh
288
120000h
120FFFh
25
415
19F000h
19FFFFh
17
287
11F000h
11FFFFh
400
190000h
190FFFh
272
110000h
110FFFh
24
399
18F000h
18FFFFh
16
271
10F000h
10FFFFh
384
180000h
180FFFh
256
100000h
100FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com