Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10-AVMP6T/X Datasheet(PDF) 36 Page - Numonyx B.V

Part # M25P10-AVMP6T/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP6T/X Datasheet(HTML) 36 Page - Numonyx B.V

Back Button M25P10-AVMP6T/X Datasheet HTML 32Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 33Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 34Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 35Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 36Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 37Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 38Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 39Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 40Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
DC and AC parameters
M25P10-A
36/51
10
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristic tables that
follow are derived from tests performed under the measurement conditions summarized in
the relevant tables. Designers should check that the operating conditions in their circuit
match the measurement conditions when relying on the quoted parameters.
1.
Output Hi-Z is defined as the point where data out is no longer driven.
Figure 21.
AC measurement I/O waveform
Table 10.
Operating conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
2.3(1)
1.
Only in products with process technology code Y. In products with process technology code X, Vcc(min) is
2.7 V.
3.6
V
TA
Ambient operating temperature (device grade 6)
–40
85
°C
Ambient operating temperature (device grade 3)
–40
125
Table 11.
Data retention and endurance
Parameter
Condition
Min
Max
Unit
Erase/Program
cycles
Device grade 6
100,000
cycles per sector
Device grade 3
10,000
Data retention
at 55 °C
20
years
Table 12.
AC measurement conditions
Symbol
Parameter
Min
Max
Unit
CL
Load capacitance
30
pF
Input rise and fall times
5
ns
Input pulse voltages
0.2VCC to 0.8VCC
V
Input timing reference voltages
0.3VCC to 0.7VCC
V
Output timing reference voltages
VCC / 2
V
AI07455
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and output
timing reference levels
Input levels
0.5VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com