Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10-AVMP6T/X Datasheet(PDF) 16 Page - Numonyx B.V

Part # M25P10-AVMP6T/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP6T/X Datasheet(HTML) 16 Page - Numonyx B.V

Back Button M25P10-AVMP6T/X Datasheet HTML 12Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 13Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 14Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 15Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 16Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 17Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 18Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 19Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 20Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Instructions
M25P10-A
16/51
6
Instructions
All instructions, addresses and data are shifted in and out of the device, most significant bit
first.
Serial Data input (D) is sampled on the first rising edge of Serial Clock (C) after Chip Select
(S) is driven Low. Then, the one-byte instruction code must be shifted in to the device, most
significant bit first, on Serial Data input (D), each bit being latched on the rising edges of
Serial Clock (C).
The instruction set is listed in Table 4.
Every instruction sequence starts with a one-byte instruction code. Depending on the
instruction, this might be followed by address bytes, or by data bytes, or by both or none.
Chip Select (S) must be driven High after the last bit of the instruction sequence has been
shifted in.
In the case of a Read Data Bytes (READ), Read Data Bytes at higher speed (FAST_READ),
Read Identification (RDID), Read Status Register (RDSR) or Release from Deep Power-
down, and Read Electronic Signature (RES) instruction, the shifted-in instruction sequence
is followed by a data-out sequence. Chip Select (S) can be driven High after any bit of the
data-out sequence is being shifted out.
In the case of a Page Program (PP), Sector Erase (SE), Bulk Erase (BE), Write Status
Register (WRSR), Write Enable (WREN), Write Disable (WRDI) or Deep Power-down (DP)
instruction, Chip Select (S) must be driven High exactly at a byte boundary, otherwise the
instruction is rejected, and is not executed. That is, Chip Select (S) must driven High when
the number of clock pulses after Chip Select (S) being driven Low is an exact multiple of
eight.
All attempts to access the memory array during a Write Status Register cycle, Program
cycle or Erase cycle are ignored, and the internal Write Status Register cycle, Program
cycle or Erase cycle continues unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com