Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10-AVMP6T/X Datasheet(PDF) 47 Page - Numonyx B.V

Part # M25P10-AVMP6T/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP6T/X Datasheet(HTML) 47 Page - Numonyx B.V

Back Button M25P10-AVMP6T/X Datasheet HTML 43Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 44Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 45Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 46Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 47Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 48Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 49Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 50Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 51Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
M25P10-A
Package mechanical
47/51
Figure 28.
UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no lead,
2 x 3 mm package outline
1.
Drawing is not to scale.
Table 23.
UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no lead,
2 x 3 mm package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
0.55
0.45
0.60
0.022
0.018
0.024
A1
0.02
0.00
0.05
0.001
0.000
0.002
b(1)
1.
Dimension b applies to plated terminal and is measured between 0.15 and 0.30 mm from the terminal tip.
0.25
0.20
0.30
0.010
0.008
0.012
D
2.00
1.90
2.10
0.079
0.075
0.083
D2
1.60
1.50
1.70
0.063
0.059
0.067
ddd(2)
2.
Applied for exposed die paddle and terminals. Exclude embedding part of exposed die paddle from
measuring.
0.08
0.003
E
3.00
2.90
3.10
0.118
0.114
0.122
E2
0.20
0.10
0.30
0.008
0.004
0.012
e
0.50
-
-
0.020
-
-
L
0.45
0.40
0.50
0.018
0.016
0.020
L1
0.15
0.006
L3
0.30
0.012
D
E
UFDFPN-01
A
A1
ddd
L1
e
b
D2
L
E2
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com