Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10-AVMP6T/X Datasheet(PDF) 39 Page - Numonyx B.V

Part # M25P10-AVMP6T/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP6T/X Datasheet(HTML) 39 Page - Numonyx B.V

Back Button M25P10-AVMP6T/X Datasheet HTML 35Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 36Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 37Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 38Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 39Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 40Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 41Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 42Page - Numonyx B.V M25P10-AVMP6T/X Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
M25P10-A
DC and AC parameters
39/51
Table 17.
Instruction times (device grade 3)(1)
1.
Only for products with process technology code X.
Test conditions specified in Table 10 and Table 12
Symbol
Alt.
Parameter
Min
Typ(2)(3)
2.
At 85 °C.
3.
Preliminary data.
Max(3)
Unit
tW
Write Status Register cycle time
8
15
ms
tPP
(4)
4.
When using the Page Program (PP) instruction to program consecutive bytes, optimized timings are
obtained with one sequence including all the bytes versus several sequences of only a few bytes. (1
≤n ≤
256).
Page Program cycle time (256 bytes)
1.5
5ms
Page Program cycle time (n bytes)
0.4+
n*1.1/256
tSE
Sector Erase cycle time
1
3
s
tBE
Bulk Erase cycle time
4.5
10
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com