Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10-AVMP6/X Datasheet(PDF) 35 Page - Numonyx B.V

Part # M25P10-AVMP6/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP6/X Datasheet(HTML) 35 Page - Numonyx B.V

Back Button M25P10-AVMP6/X Datasheet HTML 31Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 32Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 33Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 34Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 35Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 36Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 37Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 38Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 39Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
M25P10-A
Initial delivery state
35/51
8
Initial delivery state
The device is delivered with the memory array erased: all bits are set to ‘1’ (each byte
contains FFh). The Status Register contains 00h (all Status Register bits are 0).
9
Maximum rating
Stressing the device above the rating listed in Table 9: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the Numonyx SURE Program
and other relevant quality documents.
Table 9.
Absolute maximum ratings
Symbol
Parameter
Min
Max
Unit
TSTG
Storage temperature
–65
150
°C
TLEAD
Lead temperature during soldering
see (1)
1.
Compliant with JEDEC Std J-STD-020C (for small body, Sn-Pb or Pb assembly), the Numonyx
ECOPACK® 7191395 specification, and the European directive on Restrictions on Hazardous Substances
(RoHS) 2002/95/EU.
VIO
Input and output voltage (with respect to ground)
–0.6
VCC +0.6
V
VCC
Supply voltage
–0.6
4.0
V
VESD
Electrostatic discharge voltage (Human Body model)(2)
2.
JEDEC Std JESD22-A114A (C1=100 pF, R1=1500
Ω, R2=500 Ω).
–2000
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com