Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10-AVMP6/X Datasheet(PDF) 50 Page - Numonyx B.V

Part # M25P10-AVMP6/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP6/X Datasheet(HTML) 50 Page - Numonyx B.V

Back Button M25P10-AVMP6/X Datasheet HTML 43Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 44Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 45Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 46Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 47Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 48Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 49Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 50Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 51Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
Revision history
M25P10-A
50/51
05-Jun-2006
7
tRES1 and tRES2 parameter timings changed for devices produced with the
“X” process technology in Table 18 and Table 19.
SO8 narrow package specifications updated (see Figure 26 and
Table 21).
06-Jul-2007
8
Changed the minimum value for supply voltage.
Added TLEAD and changed maximum value for VIO in Table 9: Absolute
maximum ratings.
Updated Section 3: SPI modes and modified Figure 3: Bus master and
memory devices on the SPI bus.
Note 1 to Table 13: Capacitance changed.
Note 2 below Table 16: Instruction times (device grade 6) added.
Changed test condition for ICC3 in Table 14 and fR in Table 20.
23-Aug-2007
9
Removed “low voltage” from the title. Small text changes.
Typical values for Sector Erase and Bulk Erase modified.
UFDFPN8 package (MLP8) added.
Added the reference to a new process technology (code “Y”).
Added notes below Table 10: Operating conditions, Table 15: DC
characteristics (device grade 3), and Table 17: Instruction times (device
grade 3).
/Y process added to Table 24: Ordering information scheme.
18-Oct-2007
10
Code of the UFDFPN8 package modified.
Small text changes.
10-Dec-2007
11
Applied Numonyx branding.
Table 25.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com