Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10-AVMP6/X Datasheet(PDF) 48 Page - Numonyx B.V

Part # M25P10-AVMP6/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP6/X Datasheet(HTML) 48 Page - Numonyx B.V

Back Button M25P10-AVMP6/X Datasheet HTML 43Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 44Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 45Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 46Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 47Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 48Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 49Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 50Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 51Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
Part numbering
M25P10-A
48/51
12
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest Numonyx Sales Office.
Table 24.
Ordering information scheme
Example:
M25P10-A
V MN 6
T
P /X
Device type
M25P
Device function
10-A = 1 Mbit (128 Kbit x 8)
Operating voltage
V = VCC = 2.3 to 3.6 V
Package
MN = SO8 (150 mil width)
MP = VFQFPN8 (MLP8)
MB = UFDFPN8 (MLP8)
Device grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
3(1) = Device tested with high reliability certified flow(2).
Automotive temperature range (–40 to 125 °C)
1.
Device grade 3 available in an SO8 ECOPACK® (RoHS compliant) package.
2.
Numonyx strongly recommends the use of the Automotive Grade devices for use in an automotive
environment. The High Reliability Certified Flow (HRCF) is described in the quality note QNEE9801.
Please ask your nearest Numonyx Sales Office for a copy.
Option
blank = Standard packing
T = Tape & reel packing
Plating technology
blank = Standard SnPb plating
P or G = ECOPACK® (RoHS compliant)
Process(3)
3.
The process letter (/X) is specified in the ordering information of grade 3 devices only.
For grade 6 devices, the process letter does not appear in the ordering information, it only appears on the
device package (marking) and on the shipment box. Please contact your nearest Numonyx Sales Office.
For more information on how to identify products by the process identification letter, please refer to
AN1995: Serial Flash memory device marking.
/X = T7Y
/Y = T7Y redesigned(4)
4.
Only available for grade 6 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com