Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10-AVMP6/X Datasheet(PDF) 49 Page - Numonyx B.V

Part # M25P10-AVMP6/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP6/X Datasheet(HTML) 49 Page - Numonyx B.V

Back Button M25P10-AVMP6/X Datasheet HTML 43Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 44Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 45Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 46Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 47Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 48Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 49Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 50Page - Numonyx B.V M25P10-AVMP6/X Datasheet HTML 51Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
M25P10-A
Revision history
49/51
13
Revision history
Table 25.
Document revision history
Date
Revision
Changes
25-Feb-2001
1.0
Document written.
12-Sep-2002
1.1
VFQFPN8 package (MLP8) added. Clarification of descriptions of
entering Standby Power mode from Deep Power-down mode, and of
terminating an instruction sequence or data-out sequence.
13-Dec-2002
1.2
Typical Page Program time improved. Write Protect setup and hold times
specified, for applications that switch Write Protect to exit the Hardware
Protection mode immediately before a WRSR, and to enter the Hardware
Protection mode again immediately after.
21-Feb-2003
1.3
Erroneous address ranges corrected in memory organization table.
24-Nov-2003
2.0
Table of contents, warning about exposed paddle on MLP8, and Pb-free
options added.
40 MHz AC characteristics table included as well as 25 MHz. ICC3(max),
tSE(typ) and tBE(typ) values improved. Change of naming for VDFPN8
package.
08-Mar-2005
3.0
Devices with Process technology Code X added (Read Identification
(RDID) and Table 20: AC characteristics (50 MHz operation, device grade
6)) added.
SO8 narrow package specifications updated.
Notes 1 and 2 removed from Table 24: Ordering information scheme.
Note 1 to Table 9: Absolute maximum ratings changed, note 2 removed
and TLEAD values removed.
Small text changes. End timing line of tSHQZ modified in Figure 25: Output
timing.
01-Apr-2005
4.0
Read Identification (RDID), Deep Power-down (DP) and Release from
Deep Power-down and Read Electronic Signature (RES) instructions,
and Active Power, Standby Power and Deep Power-down modes
paragraph clarified.
01-Aug-2005
5.0
Updated Page Program (PP) instructions in Page Programming, Page
Program (PP) and Table 16: Instruction times (device grade 6).
14-Apr-2006
6
All packages are ECOPACK® compliant. Grade 3 information added (see
Table 10, Table 11, Table 15, Table 17, Table 18 and Table 24).
Figure 3: Bus master and memory devices on the SPI bus modified and
Note 2 added.
Table 11: Data retention and endurance added.
40MHz frequency condition modified for ICC3 in Table 14: DC
characteristics (device grade 6).
Table 14: DC characteristics (device grade 6) shows preliminary data.
MLP package renamed as VFQFPN and specifications updated (see
silhouette on first page, Figure 27 and Table 22). Note 2 added below
Figure 26 and Note 2 added below Figure 27. VWI parameter for device
grade 3 added to Table 8: Power-up timing and VWI threshold.
/X Process added to Table 24: Ordering information scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com