Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM723 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM723
Description  HIGH PRECISION VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM723 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM723 Datasheet HTML 3Page - STMicroelectronics LM723 Datasheet HTML 4Page - STMicroelectronics LM723 Datasheet HTML 5Page - STMicroelectronics LM723 Datasheet HTML 6Page - STMicroelectronics LM723 Datasheet HTML 7Page - STMicroelectronics LM723 Datasheet HTML 8Page - STMicroelectronics LM723 Datasheet HTML 9Page - STMicroelectronics LM723 Datasheet HTML 10Page - STMicroelectronics LM723 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LM723
7/16
TABLE 1: Resistor Values (K
Ω) for standard Output Voltages
* Replace R1/R2 divider with the circuit of fig. 24.
** V+ must be connected to a +3V or greater supply.
TABLE 2: Formula for Intermediate Output Voltages
Output
Voltage
Applicable Figures
Fixed Output ± 5%
Output Adjustable ± 10% *
R1
R2
R1
P1
R2
+3
13, 16, 17, 18, 21, 23
4.12
3.01
1.8
0.5
1.2
+5
13, 16, 17, 18, 21, 23
2.15
4.99
0.75
0.5
2.2
+6
13, 16, 17, 18, 21, 23
1.15
6.04
0.5
0.5
2.7
+9
14, 16, 17, 18, 21, 23
1.87
7.15
0.75
1
2.7
+12
14, 16, 17, 18, 21, 23
4.87
7.15
2
1
3
+15
14, 16, 17, 18, 21, 23
7.87
7.15
3.3
1
3
+28
14, 16, 17, 18, 21, 23
21
7.15
5.6
1
2
+45
19
3.57
48.7
2.2
10
39
+75
19
3.57
78.7
2.2
10
68
+100
19
3.57
102
2.2
10
91
+250
19
3.57
255
2.2
10
240
-6**
15
3.57
2.43
1.2
0.5
0.75
-9
15
3.48
5.36
1.2
0.5
2
-12
15
3.57
8.45
1.2
0.5
3.3
-15
15
3.65
11.5
1.2
0.5
4.3
-28
15
3.57
24.3
1.2
0.5
10
-45
20
3.57
21.2
2.2
10
33
-100
20
3.57
97.6
2.2
10
91
-250
20
3.57
249
2.2
10
240
Outputs from 2 to 7V
Fig. 13, 16, 17, 18, 21, 23
VO=(VREFxR2)/(R1+R2)
Outputs from 4 to 250V
Fig. 19
VO=(VREF/2)x[(R2-R1)/R1]; R3=R4
Current Limit
ILIMIT=VSENSE/RSC
Outputs from 7 to 37V
Fig. 14, 16, 17, 18, 21, 23
VO=VREFx[(R1+R2)/R2]
Outputs from -6 to -250V
Fig. 15, 20
VO=(VREF/2)x[(R1+R2)/R1]; R3=R4
Foldback Current Limiting
IKNEE=[(VOxR3)/(RSCxR4)]x[VSENSEx(R3+R4)]/
(RSCxR4)
ISHORTCKT=(VSENSE/RSC)x[(R3+R4)/R4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com