Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM723 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM723
Description  HIGH PRECISION VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM723 Datasheet(HTML) 2 Page - STMicroelectronics

  LM723 Datasheet HTML 1Page - STMicroelectronics LM723 Datasheet HTML 2Page - STMicroelectronics LM723 Datasheet HTML 3Page - STMicroelectronics LM723 Datasheet HTML 4Page - STMicroelectronics LM723 Datasheet HTML 5Page - STMicroelectronics LM723 Datasheet HTML 6Page - STMicroelectronics LM723 Datasheet HTML 7Page - STMicroelectronics LM723 Datasheet HTML 8Page - STMicroelectronics LM723 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LM723
2/16
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
PIN CONNECTION (top view)
ORDERING CODES
Symbol
Parameter
Value
Unit
LM723
LM723C
VI
DC Input Voltage
40
40
V
∆V
I-O
Dropout Voltage
40
40
V
IO
Output Current
150
150
mA
IREF
Current from VREF
15
25
mA
Top
Operating Temperature
-55to125
0 to70
°C
Tstg
Storage Temperature
-65to150
-65to150
°C
TJ
Junction Temperature
150
125
°C
Symbol
Parameter
DIP14
SO-14
Unit
Rthj-amb
Thermal Resistance Junction-Ambient
Max
200
160
°C/W
TYPE
DIP-14
SO-14
LM723
LM723N
LM723C
LM723CN
LM723CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com