Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM723 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM723
Description  HIGH PRECISION VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM723 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM723 Datasheet HTML 6Page - STMicroelectronics LM723 Datasheet HTML 7Page - STMicroelectronics LM723 Datasheet HTML 8Page - STMicroelectronics LM723 Datasheet HTML 9Page - STMicroelectronics LM723 Datasheet HTML 10Page - STMicroelectronics LM723 Datasheet HTML 11Page - STMicroelectronics LM723 Datasheet HTML 12Page - STMicroelectronics LM723 Datasheet HTML 13Page - STMicroelectronics LM723 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LM723
10/16
Figure 18 : Foldback current limiting
Typical performance
Regulated Output Voltage....................5V
Line Regulation (
∆V
I = 3V)............0.5mV
Load Regulation (
∆I
O = 10mA)........1mV
Current Limit Knee...........................20mA
Figure 19 : Positive Floating Regulator
Typical performance
Regulated Output Voltage....................100V
Line Regulation (
∆V
I = 20V)...............15mV
Load Regulation (
∆I
O = 50mA)..........20mV
Figure 20 : Negative Floating Regulator
Typical performance
Regulated Output Voltage....................-100V
Line Regulation (
∆V
I = 20V).................30mV
Load Regulation (
∆I
O = 100mA)..........20mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com