Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM723 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM723
Description  HIGH PRECISION VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM723 Datasheet(HTML) 3 Page - STMicroelectronics

  LM723 Datasheet HTML 1Page - STMicroelectronics LM723 Datasheet HTML 2Page - STMicroelectronics LM723 Datasheet HTML 3Page - STMicroelectronics LM723 Datasheet HTML 4Page - STMicroelectronics LM723 Datasheet HTML 5Page - STMicroelectronics LM723 Datasheet HTML 6Page - STMicroelectronics LM723 Datasheet HTML 7Page - STMicroelectronics LM723 Datasheet HTML 8Page - STMicroelectronics LM723 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LM723
3/16
TEST CIRCUITS (pin configuration relative to the plastic package)
VI =12V; VO =5V: IO =1mA; R1/R2 ≤ 10KΩ
ELECTRICAL CHARACTERISTICS FOR LM723 (refer to the test circuits, Tamb = 25°C,
unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
∆V
O/∆VI
Line Regulation
VI = 12 to 15 V
0.01
0.1
%
VI = 12 to 40 V
0.02
0.2
VI =12 to15 V,
Ta = -55 to 125°C
0.3
∆V
O/VO
Load Regulation
IO = 1 to 50 mA
0.03
0.15
%
IO =1to 10mA
Ta = -55 to 125°C
0.6
VREF
Reference Voltage
IREF = 160 µA
6.95
7.15
7.35
V
SVR
Supply Voltage Rejection
f = 100 Hz to 10KHz
CREF = 0
74
dB
CREF =5µF
86
∆V
O/∆T
Output Voltage Drift
150
ppm/°C
ISC
Output Current Limit
RSC =10Ω
VO = 0 V
65
mA
VI
Input Voltage Range
9.5
40
V
VO
Output Voltage Range
2
37
V
VO-VI
338
V
Id
Quiescent Current
VI = 30V,
IO = 0 mA
2.3
5
mA
KVH
Long Term Stability
0.1
%/1000
hrs
eN
Output Noise Voltage
BW = 100 Hz to 10 KHz
CREF =0
20
µV
CREF = 5µF
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com