Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # AT25DF256
Description  256-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF256 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button AT25DF256 Datasheet HTML 30Page - Renesas Technology Corp AT25DF256 Datasheet HTML 31Page - Renesas Technology Corp AT25DF256 Datasheet HTML 32Page - Renesas Technology Corp AT25DF256 Datasheet HTML 33Page - Renesas Technology Corp AT25DF256 Datasheet HTML 34Page - Renesas Technology Corp AT25DF256 Datasheet HTML 35Page - Renesas Technology Corp AT25DF256 Datasheet HTML 36Page - Renesas Technology Corp AT25DF256 Datasheet HTML 37Page - Renesas Technology Corp AT25DF256 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
DS-AT25DF256-035 Rev.G
Page 34
2024-01-08
© 2024 Renesas Electronics
AT25DF256 Datasheet
12.8 Reset
In some applications, it might be necessary to prematurely stop a program or erase operation rather than wait the
hundreds of microseconds or milliseconds necessary for the program or erase operation to complete normally.
The Reset command allows a program or erase operation in progress to be ended abruptly and returns the device
to an idle state. Since the need to reset the device is immediate, the Write Enable command does not need to be
issued prior to the Reset command. Thus, the Reset command operates independently of the state of the WEL bit
in the Status Register.
The Reset command can be executed only if the command has been enabled by setting the Reset Enabled
(RSTE) bit in the Status Register to a Logical 1 using write status register byte 2 command 31h. Enter this
command before a program command is entered. If the Reset command has not been enabled (the RSTE bit is in
the Logical 0 state), then any attempts at executing the Reset command are ignored.
To perform a Reset, the CS pin must first be asserted, and then the opcode F0h must be clocked into the device.
No address bytes need to be clocked in, but a confirmation byte of D0h must be clocked into the device
immediately after the opcode. Any additional data clocked into the device after the confirmation byte are ignored.
When the CS pin is deasserted, the program operation currently in progress is stopped within a time of tSWRST.
Since the program or erase operation might not complete before the device is reset, the contents of the page
being programmed or erased cannot be guaranteed to be valid.
The Reset command has no effect on the states of the Configuration Register or RSTE bit in the Status Register.
The WEL bit, however, is reset to its default state.
The complete opcode and confirmation byte must be clocked into the device before the CS pin is deasserted, and
the CS pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no Reset operation
is done.
Figure 29. Reset
SCK
CS
SI
SO
MSB
23
1
0
1111000
67
5
4
Opcode
Confirmation Byte In
10 11
9
814 15
13
12
0
MSB
1101000
0
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com