Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # AT25DF256
Description  256-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF256 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button AT25DF256 Datasheet HTML 6Page - Renesas Technology Corp AT25DF256 Datasheet HTML 7Page - Renesas Technology Corp AT25DF256 Datasheet HTML 8Page - Renesas Technology Corp AT25DF256 Datasheet HTML 9Page - Renesas Technology Corp AT25DF256 Datasheet HTML 10Page - Renesas Technology Corp AT25DF256 Datasheet HTML 11Page - Renesas Technology Corp AT25DF256 Datasheet HTML 12Page - Renesas Technology Corp AT25DF256 Datasheet HTML 13Page - Renesas Technology Corp AT25DF256 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
DS-AT25DF256-035 Rev.G
Page 10
2024-01-08
© 2024 Renesas Electronics
AT25DF256 Datasheet
5.
Device Operation
The AT25DF256 is controlled by a set of commands that are sent from a host controller, commonly referred to as
the SPI Master. The SPI Master communicates with the AT25DF256 through the SPI bus, which consists of four
signal lines: Chip Select (CS), Serial Clock (SCK), Serial Input (SI), and Serial Output (SO).
The SPI protocol defines four modes of operation (0, 1, 2, or 3), with each mode differing in respect to the SCK
polarity and phase, as well as how the polarity and phase control the flow of data on the SPI bus. The AT25DF256
supports the two most common modes, SPI Modes 0 and 3. The only difference between SPI Modes 0 and 3 is
the polarity of the SCK signal when in the inactive state (when the SPI Master is in standby mode and not
transferring any data). With SPI Modes 0 and 3, data is latched in on the rising edge of SCK and output on the
falling edge of SCK.
Figure 6. SPI Mode 0 and 3
5.1
Dual Output Read
The AT25DF256 features a Dual-Output Read mode that allow two bits of data to be clocked out of the device
every clock cycle to improve throughput. To do this, both the SI and SO pins are used as outputs for the transfer
of data bytes. With the Dual-Output Read Array command, the SI pin becomes an output along with the SO pin.
6&.
&6
6,
62
06%
/6%
06%
/6%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com