Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # AT25DF256
Description  256-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF256 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button AT25DF256 Datasheet HTML 38Page - Renesas Technology Corp AT25DF256 Datasheet HTML 39Page - Renesas Technology Corp AT25DF256 Datasheet HTML 40Page - Renesas Technology Corp AT25DF256 Datasheet HTML 41Page - Renesas Technology Corp AT25DF256 Datasheet HTML 42Page - Renesas Technology Corp AT25DF256 Datasheet HTML 43Page - Renesas Technology Corp AT25DF256 Datasheet HTML 44Page - Renesas Technology Corp AT25DF256 Datasheet HTML 45Page - Renesas Technology Corp AT25DF256 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
DS-AT25DF256-035 Rev.G
Page 42
2024-01-08
© 2024 Renesas Electronics
AT25DF256 Datasheet
16. Ordering Information
1. The shipping carrier option code is not marked on the devices.
2. Temperature Range: -10 °C to +85 °C (1.65 V to 3.6 V), -40 °C to +85 °C (1.7 V to 3.6 V).
Ordering Code 1
Package
Lead
Finish
Operating
Voltage
Max. Freq.
(MHz)
Temperature
Range
AT25DF256-SSHN-B
AT25DF256-SSHN-T
8-lead, 150-mil Wide, Plastic Gull Wing
Small Outline Package (JEDEC SOIC)
NiPdAu 1.65 V to 3.6 V 2
104
Industrial
(-40 °C to +85 °C) 2
AT25DF256-MAHN-T
8-pad, 2 x 3 x 0.6 mm, Thermally
Enhanced Plastic Ultra Thin Dual Flat
No Lead Package (UDFN)
AT25DF256-XMHN-B
AT25DF256-XMHN-T
8-lead, Thin Small Outline Package
A T 2 5 D
256
S S H
B
––
F
Designator
Product Family
Device Density
256 = 256-kilobit
Package Option
SS = 8-lead, 150-mil wide SOIC
MA = 8-pad, 2 x 3 x 0.6 mm UDFN
XM = 8-lead TSSOP
Device Grade
H = Green, NiPdAu lead finish
Shipping Carrier Option
B = Bulk (tubes)
T = Tape and reel
N
Voltage Code
N = 1.65V to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com